Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIG75Q6CSB1X Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # MIG75Q6CSB1X
Description  High Power Switching Applications Motor Control Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MIG75Q6CSB1X Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  MIG75Q6CSB1X Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MIG75Q6CSB1X Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MIG75Q6CSB1X Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MIG75Q6CSB1X Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MIG75Q6CSB1X Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MIG75Q6CSB1X Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MIG75Q6CSB1X Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MIG75Q6CSB1X Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MIG75Q6CSB1X Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MIG75Q6CSB1X
2004-10-01
4/10
Maximum Ratings (Tj = 25°C)
Stage
Characteristic
Condition
Symbol
Ratings
Unit
Supply voltage
P-N power terminal
VCC
900
V
Collector-emitter voltage
VCES
1200
V
Collector current
Tc
= 25°C, DC
IC
75
A
Forward current
Tc
= 25°C, DC
IF
75
A
Collector power dissipation
Tc
= 25°C
PC
830
W
Inverter
Junction temperature
Tj
150
°C
Control supply voltage
VD-GND terminal
VD
20
V
Input voltage
IN-GND terminal
VIN
20
V
Fault output voltage
FO-GND terminal
VFO
20
V
Control
Fault output current
FO sink current
IFO
14
mA
Operating temperature
Tc
−20 to 100
°C
Storage temperature range
Tstg
−40 to 125
°C
Isolation voltage
AC 1 minute
VISO
2500
V
Screw torque (terminal)
M4
2
N·m
Module
Screw torque (mounting)
M5
3
N·m
Electrical Characteristics
1.
Inverter Stage
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Tj = 25°C
1
Collector cut-off current
ICEX
VCE = 1200 V
Tj = 125°C
10
mA
Tj = 25°C
2.2
2.6
Collector-emitter saturation voltage
VCE (sat)
VD = 15 V,
IC = 75 A,
VIN = 15 V → 0 V
Tj = 125°C
3.0
V
Forward voltage
VF
IF = 75 A, Tj = 25°C
2.4
2.8
V
ton
2.0
3.0
tc (on)
0.3
trr
0.3
toff
1.5
2.5
Switching time
tc (off)
VCC = 600 V, IC = 75 A,
VD = 15 V, VIN = 15 V ↔ 0 V,
Tj = 25°C, Inductive load
(Note 1)
0.4
µs
Note 1: Switching time test circuit and timing chart.


Similar Part No. - MIG75Q6CSB1X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MIG75Q201H TOSHIBA-MIG75Q201H Datasheet
219Kb / 8P
   High Power Switching Applications Motor Control Applications
MIG75Q202H TOSHIBA-MIG75Q202H Datasheet
225Kb / 8P
   High Power Switching Applications Motor Control Applications
MIG75Q7CSB1X TOSHIBA-MIG75Q7CSB1X Datasheet
168Kb / 11P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MIG75Q7CSB1X MITSUBISHI-MIG75Q7CSB1X Datasheet
194Kb / 10P
   High Power Switching Applications Motor Control Applications
More results

Similar Description - MIG75Q6CSB1X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MIG100J201HC TOSHIBA-MIG100J201HC Datasheet
141Kb / 6P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MG400V2YS60A MITSUBISHI-MG400V2YS60A Datasheet
184Kb / 9P
   High Power Switching Applications Motor Control Applications
logo
Toshiba Semiconductor
GT10Q301 TOSHIBA-GT10Q301 Datasheet
321Kb / 7P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MIG50J906H TOSHIBA-MIG50J906H Datasheet
429Kb / 9P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
logo
Mitsubishi Electric Sem...
MIG200Q2CSB1X MITSUBISHI-MIG200Q2CSB1X Datasheet
239Kb / 10P
   High Power Switching Applications Motor Control Applications
logo
Toshiba Semiconductor
MIG75J7CSB1W TOSHIBA-MIG75J7CSB1W Datasheet
186Kb / 11P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MG300Q2YS60A MITSUBISHI-MG300Q2YS60A Datasheet
218Kb / 8P
   High Power Switching Applications Motor Control Applications
MG400Q2YS60A MITSUBISHI-MG400Q2YS60A Datasheet
219Kb / 8P
   High Power Switching Applications Motor Control Applications
MG400V1US51A MITSUBISHI-MG400V1US51A Datasheet
118Kb / 7P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MIG400Q2CMB1X MITSUBISHI-MIG400Q2CMB1X Datasheet
193Kb / 9P
   High Power Switching Applications Motor Control Applications
MIG75Q7CSB1X MITSUBISHI-MIG75Q7CSB1X Datasheet
194Kb / 10P
   High Power Switching Applications Motor Control Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com