Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIG75Q6CSB1X Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MIG75Q6CSB1X
Description  High Power Switching Applications Motor Control Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MIG75Q6CSB1X Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MIG75Q6CSB1X Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MIG75Q6CSB1X Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MIG75Q6CSB1X Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MIG75Q6CSB1X Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MIG75Q6CSB1X Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MIG75Q6CSB1X Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MIG75Q6CSB1X Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MIG75Q6CSB1X Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MIG75Q6CSB1X Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIG75Q6CSB1X
2004-10-01
2/10
Package Dimensions
1.
VD (U)
2.
FO (U)
3.
IN (U)
4.
GND (U)
5.
VD (V)
6.
FO (V)
7.
IN (V)
8.
GND (V)
9.
VD (W)
10.
FO (W)
11.
IN (W)
12.
GND (W)
13.
VD (L)
14.
FO (L)
15.
Open
16.
Open
17.
IN (X)
18.
IN (Y)
19.
IN (Z)
20.
GND (L)
Unit: mm


Similar Part No. - MIG75Q6CSB1X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MIG75Q201H TOSHIBA-MIG75Q201H Datasheet
219Kb / 8P
   High Power Switching Applications Motor Control Applications
MIG75Q202H TOSHIBA-MIG75Q202H Datasheet
225Kb / 8P
   High Power Switching Applications Motor Control Applications
MIG75Q7CSB1X TOSHIBA-MIG75Q7CSB1X Datasheet
168Kb / 11P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MIG75Q7CSB1X MITSUBISHI-MIG75Q7CSB1X Datasheet
194Kb / 10P
   High Power Switching Applications Motor Control Applications
More results

Similar Description - MIG75Q6CSB1X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MIG100J201HC TOSHIBA-MIG100J201HC Datasheet
141Kb / 6P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MG400V2YS60A MITSUBISHI-MG400V2YS60A Datasheet
184Kb / 9P
   High Power Switching Applications Motor Control Applications
logo
Toshiba Semiconductor
GT10Q301 TOSHIBA-GT10Q301 Datasheet
321Kb / 7P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MIG50J906H TOSHIBA-MIG50J906H Datasheet
429Kb / 9P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
logo
Mitsubishi Electric Sem...
MIG200Q2CSB1X MITSUBISHI-MIG200Q2CSB1X Datasheet
239Kb / 10P
   High Power Switching Applications Motor Control Applications
logo
Toshiba Semiconductor
MIG75J7CSB1W TOSHIBA-MIG75J7CSB1W Datasheet
186Kb / 11P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MG300Q2YS60A MITSUBISHI-MG300Q2YS60A Datasheet
218Kb / 8P
   High Power Switching Applications Motor Control Applications
MG400Q2YS60A MITSUBISHI-MG400Q2YS60A Datasheet
219Kb / 8P
   High Power Switching Applications Motor Control Applications
MG400V1US51A MITSUBISHI-MG400V1US51A Datasheet
118Kb / 7P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MIG400Q2CMB1X MITSUBISHI-MIG400Q2CMB1X Datasheet
193Kb / 9P
   High Power Switching Applications Motor Control Applications
MIG75Q7CSB1X MITSUBISHI-MIG75Q7CSB1X Datasheet
194Kb / 10P
   High Power Switching Applications Motor Control Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com