Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT162374ATPAG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74FCT162374ATPAG
Description  FAST CMOS 16-BIT REGISTER (3-STATE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT162374ATPAG Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74FCT162374ATPAG Datasheet HTML 1Page - Integrated Device Technology IDT74FCT162374ATPAG Datasheet HTML 2Page - Integrated Device Technology IDT74FCT162374ATPAG Datasheet HTML 3Page - Integrated Device Technology IDT74FCT162374ATPAG Datasheet HTML 4Page - Integrated Device Technology IDT74FCT162374ATPAG Datasheet HTML 5Page - Integrated Device Technology IDT74FCT162374ATPAG Datasheet HTML 6Page - Integrated Device Technology IDT74FCT162374ATPAG Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
IDT74FCT162374AT/CT/ET
FAST CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIALTEMPERATURERANGE
74FCT162374AT
74FCT162374CT
74FCT162374ET
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
Propagation Delay
CL = 50pF
2
6.5
2
5.2
1.5
3.7
ns
tPHL
xCLK to xOx
RL = 500
Ω
tPZH
Output Enable Time
1.5
6.5
1.5
5.5
1.5
4.4
ns
tPZL
tPHZ
Output Disable Time
1.5
5.5
1.5
5
1.5
3.6
ns
tPLZ
tSU
Set-up Time HIGH or LOW, xDx to xCLK
2
2
1.5
ns
tH
Hold Time HIGH or LOW, xDx to xCLK
1.5
1.5
0
ns
tW
xCLK Pulse Width HIGH or LOW
5
5
3(4)
—ns
tSK(o)
Output Skew(3)
0.5
0.5
0.5
ns
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
4. This limit is guaranteed but not tested.


Similar Part No. - IDT74FCT162374ATPAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162374ATPA IDT-IDT74FCT162374ATPA Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT162374ATPAB IDT-IDT74FCT162374ATPAB Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
More results

Similar Description - IDT74FCT162374ATPAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
logo
Integrated Device Techn...
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163374 PERICOM-PI74FCT163374 Datasheet
94Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LCX16374 PERICOM-PI74LCX16374 Datasheet
151Kb / 6P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
logo
Integrated Device Techn...
IDT74FCT163374A IDT-IDT74FCT163374A Datasheet
76Kb / 7P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT163374A RENESAS-IDT74FCT163374A Datasheet
250Kb / 8P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
   Fast CMOS 16-Bit Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT646T IDT-IDT74FCT646T_02 Datasheet
103Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com