Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM422M922VTB Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EM422M922VTB
Description  16Mb ( 2Banks ) Synchronous DRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM422M922VTB Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EM422M922VTB Datasheet HTML 7Page - List of Unclassifed Manufacturers EM422M922VTB Datasheet HTML 8Page - List of Unclassifed Manufacturers EM422M922VTB Datasheet HTML 9Page - List of Unclassifed Manufacturers EM422M922VTB Datasheet HTML 10Page - List of Unclassifed Manufacturers EM422M922VTB Datasheet HTML 11Page - List of Unclassifed Manufacturers EM422M922VTB Datasheet HTML 12Page - List of Unclassifed Manufacturers EM422M922VTB Datasheet HTML 13Page - List of Unclassifed Manufacturers EM422M922VTB Datasheet HTML 14Page - List of Unclassifed Manufacturers EM422M922VTB Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Rev.01
16Mb SDRAM
11/18
Current
state
Addr.
Read w ith AP
X
X
Action
Continue burst to end
→ Precharging
Continue burst to end
→ Precharging
Notes
X
BA/CA/A10
ILLEGAL
ILLEGAL
3
BA/RA
ILLEGAL
3
BA, A10
X
ILLEGAL
ILLEGAL
3
Rem ark H = High level, L = Low level, X = High or Low level (Don't care), AP = Auto Precharge
/CS
H
L
/R
X
H
/C
X
H
/W
X
H
L
L
H
H
H
L
L
H
L
L
H
H
L
L
L
L
H
L
L
H
Command
DESL
NOP
BST
READ/READA
ACT
PRE/PALL
REF/SELF
Op-Code
ILLEGAL
L
L
L
L
MRS
BA/CA/A10
ILLEGAL
3
L
H
L
L
WRIT/WRITA
Write w ith AP
X
X
burst to end
→ Write
recovering w ith auto precharge
Continue burst to end
→ Write
recovering w ith auto precharge
X
BA/CA/A10
ILLEGAL
ILLEGAL
3
BA/RA
ILLEGAL
3
BA, A10
X
ILLEGAL
ILLEGAL
3
H
L
X
H
X
H
X
H
L
L
H
H
H
L
L
H
L
L
H
H
L
L
L
L
H
L
L
H
DESL
NOP
BST
READ/READA
ACT
PRE/PALL
REF/SELF
Op-Code
ILLEGAL
L
L
L
L
MRS
BA/CA/A10
ILLEGAL
3
L
H
L
L
WRIT/WRITA
Precharging
X
X
Nop
→ Enter idle after tRP
Nop
→ Enter idle after tRP
X
BA/CA/A10
ILLEGAL
ILLEGAL
3
BA/RA
ILLEGAL
3
BA, A10
X
Nop
→ Enter idle after tRP
ILLEGAL
H
L
X
H
X
H
X
H
L
L
H
H
H
L
L
H
L
L
H
H
L
L
L
L
H
L
L
H
DESL
NOP
BST
READ/READA
ACT
PRE/PALL
REF/SELF
Op-Code
ILLEGAL
L
L
L
L
MRS
BA/CA/A10
ILLEGAL
3
L
H
L
L
WRIT/WRITA
Row activating
X
X
Nop
→ Enter idle after tRCD
Nop
→ Enter idle after tRCD
X
BA/CA/A10
ILLEGAL
ILLEGAL
3
BA/RA
ILLEGAL
3,10
BA, A10
X
ILLEGAL
ILLEGAL
3
H
L
X
H
X
H
X
H
L
L
H
H
H
L
L
H
L
L
H
H
L
L
L
L
H
L
L
H
DESL
NOP
BST
READ/READA
ACT
PRE/PALL
REF/SELF
Op-Code
ILLEGAL
L
L
L
L
MRS
BA/CA/A10
ILLEGAL
3
L
H
L
L
WRIT/WRITA


Similar Part No. - EM422M922VTB

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM422M1644RTA-5FE EOREX-EM422M1644RTA-5FE Datasheet
338Kb / 20P
   128Mb (2M횞4Bank횞16) Double DATA RATE SDRAM
EM422M1644RTA-6FE EOREX-EM422M1644RTA-6FE Datasheet
338Kb / 20P
   128Mb (2M횞4Bank횞16) Double DATA RATE SDRAM
EM422M1644RTA-75FE EOREX-EM422M1644RTA-75FE Datasheet
338Kb / 20P
   128Mb (2M횞4Bank횞16) Double DATA RATE SDRAM
EM422M1684LBA-75FE EOREX-EM422M1684LBA-75FE Datasheet
628Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM422M1684LBA-75FE EOREX-EM422M1684LBA-75FE Datasheet
626Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
More results

Similar Description - EM422M922VTB

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM481M1622VTC EOREX-EM481M1622VTC Datasheet
699Kb / 18P
   16Mb (512K횞2Bank횞16) Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32321A ESMT-M52S32321A_1 Datasheet
758Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com