Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7016L25GGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7016L25GGI
Description  HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7016L25GGI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7016L25GGI Datasheet HTML 1Page - Integrated Device Technology IDT7016L25GGI Datasheet HTML 2Page - Integrated Device Technology IDT7016L25GGI Datasheet HTML 3Page - Integrated Device Technology IDT7016L25GGI Datasheet HTML 4Page - Integrated Device Technology IDT7016L25GGI Datasheet HTML 5Page - Integrated Device Technology IDT7016L25GGI Datasheet HTML 6Page - Integrated Device Technology IDT7016L25GGI Datasheet HTML 7Page - Integrated Device Technology IDT7016L25GGI Datasheet HTML 8Page - Integrated Device Technology IDT7016L25GGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
©2006 Integrated Device Technology, Inc.
APRIL 2006
DSC 3190/9
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/
WL
CEL
OEL
BUSYL
A13L
A0L
3190 drw 01
I/O0L-I/O8L
CEL
OEL
R/
WL
SEML
INTL
M/
S
BUSYR
A13R
A0R
SEMR
INTR
CER
OER
(2)
(1,2)
(2)
R/
WR
CER
OER
R/
WR
14
14
I/O0R-I/O8R
(1,2)
Functional Block Diagram
IDT7016 easily expands data bus width to 18 bits or more
using the Master/Slave select when cascading more than
one device
M/
S = VIH for BUSY output flag on Master
M/
S = VIL for BUSY input on Slave
Busy and Interrupt Flag
On-chip port arbitration logic
Full on-chip hardware support of semaphore signaling
between ports
Fully asynchronous operation from either port
TTL-compatible, single 5V (±10%) power supply
Available in ceramic 68-pin PGA, 68-pin PLCC, and an 80-
pin TQFP
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Green parts available, see ordering information
Features
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
High-speed access
– Commercial:12/15/20/25/35ns (max.)
– Industrial: 20ns (max.)
– Military: 20/25/35ns (max.)
Low-power operation
– IDT7016S
Active: 750mW (typ.)
Standby: 5mW (typ.)
– IDT7016L
Active: 750mW (typ.)
Standby: 1mW (typ.)
HIGH-SPEED
16K X 9 DUAL-PORT
STATIC RAM
IDT7016S/L
NOTES:
1. In MASTER mode:
BUSY is an output and is a push-pull driver
In SLAVE mode:
BUSY is input.
2.
BUSY outputs and INT outputs are non-tri-stated push-pull drivers.


Similar Part No. - IDT7016L25GGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016L25G IDT-IDT7016L25G Datasheet
262Kb / 20P
   HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
IDT7016L25GB IDT-IDT7016L25GB Datasheet
262Kb / 20P
   HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7016L25GGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S Datasheet
262Kb / 20P
   HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com