Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1298-45PMB Datasheet(PDF) 8 Page - Pyramid Semiconductor Corporation

Part # P4C1298-45PMB
Description  ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1298-45PMB Datasheet(HTML) 8 Page - Pyramid Semiconductor Corporation

Back Button P4C1298-45PMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1298-45PMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1298-45PMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1298-45PMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1298-45PMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1298-45PMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1298-45PMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1298-45PMB Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C1298-45PMB Datasheet HTML 11Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
P4C1298/L
Page 8 of 11
Document # SRAM135 REV OR
ORDERING INFORMATION
1513 10
SELECTION GUIDE
The P4C1298 is available in the following temperature, speed and package options.
15
20
25
35
Commercial
Plastic SOJ, 300 mil
-15J3C
-20J3C
-25J3C
-35J3C
Industrial
Plastic SOJ, 300 mil
-15J3I
-20J3I
-25J3I
-35J3I
Ceramic DIP, 300 mil
-15CM
-20CM
-25CM
-35CM
28-Pin Ceramic LCC
-15L28M
-20L28M
-25L28M
-25L28M
Ceramic DIP, 300 mil
-15CMB
-20CMB
-25CMB
-35CMB
28-Pin Ceramic LCC
-15L28MB
-20L28MB
-25L28MB
-25L28MB
Speed
Military
Temperature
Military
Processeed*
Temperature
Range
Package


Similar Part No. - P4C1298-45PMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1299-15CC PYRAMID-P4C1299-15CC Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1299-15CI PYRAMID-P4C1299-15CI Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1299-15CM PYRAMID-P4C1299-15CM Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1299-15CMB PYRAMID-P4C1299-15CMB Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
More results

Similar Description - P4C1298-45PMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61C512 ICSI-IS61C512 Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com