Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM422M912VTB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EM422M912VTB
Description  16Mb ( 2Banks ) Synchronous DRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM422M912VTB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EM422M912VTB Datasheet HTML 1Page - List of Unclassifed Manufacturers EM422M912VTB Datasheet HTML 2Page - List of Unclassifed Manufacturers EM422M912VTB Datasheet HTML 3Page - List of Unclassifed Manufacturers EM422M912VTB Datasheet HTML 4Page - List of Unclassifed Manufacturers EM422M912VTB Datasheet HTML 5Page - List of Unclassifed Manufacturers EM422M912VTB Datasheet HTML 6Page - List of Unclassifed Manufacturers EM422M912VTB Datasheet HTML 7Page - List of Unclassifed Manufacturers EM422M912VTB Datasheet HTML 8Page - List of Unclassifed Manufacturers EM422M912VTB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev.01
16Mb SDRAM
1/18
Ordering Information
EM 48 1M 16 2 2 V T A – 6 L
EOREX
Memory
EDO/FPM
: 40
D-RAMBUS
: 41
DDRSDRAM
: 42
DDRSGRAM
: 43
SGRAM
: 46
SDRAM
: 48
Power
Blank : Standard
L : Low power
I : Industrial
F: PB free package
Density
16M : 16 Mega Bits
8M : 8 Mega Bits
4M : 4 Mega Bits
2M : 2 Mega Bits
1M : 1 Mega Bit
Refresh
1 : 1K, 8 : 8K
2 : 2K, 6 :16K
4 : 4K
Bank
2 : 2Bank 6 : 16Bank
4 : 4Bank 3 : 32Bank
8 : 8Bank
Revision
A : 1st B : 2nd
C : 3rd D :4th
Interface
V: 3.3V
R: 2.5V
Package
Min Cycle Time ( Max Freq.)
-5 : 5ns ( 200MHz )
-6 : 6ns ( 167MHz )
-7 : 7ns ( 143MHz )
-75 : 7.5ns ( 133MHz )
-8 : 8ns ( 125MHz )
-10 : 10ns ( 100MHz )
C: CSP B: uBGA
T: TSOP Q: TQFP
P: PQFP ( QFP )
Organization
8 : x8
9 : x9
16 : x16
18 : x18
32 : x32


Similar Part No. - EM422M912VTB

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM422M1644RTA-5FE EOREX-EM422M1644RTA-5FE Datasheet
338Kb / 20P
   128Mb (2M횞4Bank횞16) Double DATA RATE SDRAM
EM422M1644RTA-6FE EOREX-EM422M1644RTA-6FE Datasheet
338Kb / 20P
   128Mb (2M횞4Bank횞16) Double DATA RATE SDRAM
EM422M1644RTA-75FE EOREX-EM422M1644RTA-75FE Datasheet
338Kb / 20P
   128Mb (2M횞4Bank횞16) Double DATA RATE SDRAM
EM422M1684LBA-75FE EOREX-EM422M1684LBA-75FE Datasheet
628Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM422M1684LBA-75FE EOREX-EM422M1684LBA-75FE Datasheet
626Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
More results

Similar Description - EM422M912VTB

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM481M1622VTC EOREX-EM481M1622VTC Datasheet
699Kb / 18P
   16Mb (512K횞2Bank횞16) Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32321A ESMT-M52S32321A_1 Datasheet
758Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com