Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V82L15PAG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72V82L15PAG
Description  3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V82L15PAG Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V82L15PAG Datasheet HTML 1Page - Integrated Device Technology IDT72V82L15PAG Datasheet HTML 2Page - Integrated Device Technology IDT72V82L15PAG Datasheet HTML 3Page - Integrated Device Technology IDT72V82L15PAG Datasheet HTML 4Page - Integrated Device Technology IDT72V82L15PAG Datasheet HTML 5Page - Integrated Device Technology IDT72V82L15PAG Datasheet HTML 6Page - Integrated Device Technology IDT72V82L15PAG Datasheet HTML 7Page - Integrated Device Technology IDT72V82L15PAG Datasheet HTML 8Page - Integrated Device Technology IDT72V82L15PAG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
DSC-3966/2
JULY 2006
IDT72V81
IDT72V82
IDT72V83
IDT72V84
IDT72V85
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
DUAL 512 x 9, DUAL 1,024 x 9
DUAL 2,048 x 9, DUAL 4,096 X 9
DUAL 8,192 X 9
2006 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
IDT and the IDT logo are trademarks of Integrated Device Technology, Inc. The AsyncFIFO
 isatrademarkofIntegratedDeviceTechnology,Inc.
COMMERICAL TEMPERATURE RANGE
FEATURES:
••••• The IDT72V81 is equivalent to two IDT72V01 - 512 x 9 FIFOs
••••• The IDT72V82 is equivalent to two IDT72V02 - 1,024 x 9 FIFOs
••••• The IDT72V83 is equivalent to two IDT72V03 - 2,048 x 9 FIFOs
••••• The IDT72V84 is equivalent to two IDT72V04 - 4,096 x 9 FIFOs
••••• The IDT72V85 is equivalent to two IDT72V05 - 8,192 x 9 FIFOs
••••• Low power consumption
— Active: 330 mW (max.)
— Power-down: 18 mW (max.)
••••• Ultra high speed—15 ns access time
••••• Asynchronous and simultaneous read and write
••••• Offers optimal combination of data capacity, small foot print
and functional flexibility
••••• Ideal for bidirectional, width expansion, depth expansion, bus-
matching, and data sorting applications
••••• Status Flags: Empty, Half-Full, Full
••••• Auto-retransmit capability
••••• High-performance CEMOS™ technology
••••• Space-saving TSSOP package
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
••••• Green parts available, see ordering information
DESCRIPTION:
TheIDT72V81/72V82/72V83/72V84/72V85aredual-FIFOmemoriesthat
loadandemptydataonafirst-in/first-outbasis.Thesedevicesarefunctionaland
compatible to two IDT72V01/72V02/72V03/72V04/72V05 FIFOs in a single
package with all associated control, data, and flag lines assigned to separate
pins. The devices use Full and Empty flags to prevent data overflow and
underflowandexpansionlogictoallowforunlimitedexpansioncapabilityinboth
word size and depth.
The reads and writes are internally sequential through the use of ring
pointers, with no address information required to load and unload data. Data
is toggled in and out of the devices through the use of the Write (
W) and Read
(
R) pins.
The devices utilize a 9-bit wide data array to allow for control and parity
bitsattheuser’soption.Thisfeatureis especiallyusefulindatacommunications
applications where it is necessary to use a parity bit for transmission/reception
errorchecking.ItalsofeaturesaRetransmit(
RT)capabilitythatallowsforreset
of the read pointer to its initial position when
RT is pulsed low to allow for
retransmission from the beginning of data. A Half-Full Flag is available in the
single device mode and width expansion modes.
These FIFOs are fabricated using IDT’s high-speed CMOS technology.
They are designed for those applications requiring asynchronous and simul-
taneous read/writes in multiprocessing and rate buffer applications.
FUNCTIONAL BLOCK DIAGRAM
WA
WRITE
CONTROL
READ
CONTROL
RA
FLAG
LOGIC
EXPANSION
LOGIC
XIA
WRITE
POINTER
RAM
ARRAY A
512 x 9
1,024 x 9
2,048 x 9
4,096 x 9
8,192 x 9
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA
OUTPUTS
RSA
FLA/RTA
XOA/HFA
FFA
EFA
WB
WRITE
CONTROL
READ
CONTROL
RB
FLAG
LOGIC
EXPANSION
LOGIC
XIB
WRITE
POINTER
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA
OUTPUTS
RSB
FLB/RTB
3966 drw 01
XOB/HFB
FFB
EFB
(DA0-DA8)
(QA0-QA8)
(QB0-QB8)
(DB0-DB8)
RAM
ARRAY A
512 x 9
1,024 x 9
2,048 x 9
4,096 x 9
8,192 x 9


Similar Part No. - IDT72V82L15PAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V82L15PA IDT-IDT72V82L15PA Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
More results

Similar Description - IDT72V82L15PAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V01 RENESAS-IDT72V01 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com