Part Name
         Description
MPC942P

 Low Voltage 1:18 Clock Distribution Chip ( 6 Page)


IDT
100% 
Zoom Out Zoom In
   
 2 page
background image
MPC942P
MOTOROLA
TIMING SOLUTIONS
DL207 — Rev 0
2
Pinout: 32–Lead (Top View)
FUNCTION TABLE
OE
Output
0
1
HIGH IMPEDANCE
OUTPUTS ENABLED
LOGIC DIAGRAM
MPC942P Block Diagram
Q0
PECL_CLK
PECL_CLK
Q1:Q16
Q17
OE
(Int. Pullup)
GND
Q5
Q4
Q3
VCC
Q2
Q1
Q0
VCC
Q12
Q13
Q14
GND
Q15
Q16
Q17
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12345
678
24
23
22
21
20
19
18
17
16
MPC942P
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.3
3.6
V
VI
Input Voltage
–0.3
VCC + 0.3
V
IIN
Input Current
±20
mA
TStor
Storage Temperature Range
–40
125
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those
indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is not implied.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
MPC942P
Low Voltage 1:18 Clock Distribution Chip
NETCOM
IDT™ Low Voltage 1:18 Clock Distribution Chip
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC942P
2



Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MPC940LLOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP 1 2 3 4 5 MoreIntegrated Device Technology
MPC9109Low Voltage 1:18 Clock Distribution Chip 1 2 3 4 5 MoreIntegrated Device Technology
PCK940LLow voltage 1 : 18 clock distribution chip 1 2 3 4 5 MoreNXP Semiconductors
MC100LVEL14_063.3V ECL 1:5 Clock Distribution Chip 1 2 3 4 5 MoreON Semiconductor
CY7B991V_07Low Voltage Programmable Skew Clock Buffer 1 2 3 4 5 MoreCypress Semiconductor
MC10H641_06Single Supply PECL to TTL 1:9 Clock Distribution Chip 1 2 3 4 5 MoreON Semiconductor
MC10H646_06PECL/TTL−TTL 1:8 Clock Distribution Chip 1 2 3 4 5 MoreON Semiconductor
CY7B9911V_07High Speed Low Voltage Programmable Skew Clock Buffer 1 2 3 4 5 MoreCypress Semiconductor
MPC93R52LOW VOLTAGE 3.3V LVCMOS 1:11 CLOCK GENERATOR 1 2 3 4 5 MoreMotorola, Inc
STLVD111_07Programmable low voltage 1:10 differential LVDS clock driver 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl