Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM5357-BI Datasheet(PDF) 7 Page - PMC-Sierra, Inc

Part # PM5357-BI
Description  SATURN USER NETWORK INTERFACE (622-POS)
Download  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5357-BI Datasheet(HTML) 7 Page - PMC-Sierra, Inc

Back Button PM5357-BI Datasheet HTML 3Page - PMC-Sierra, Inc PM5357-BI Datasheet HTML 4Page - PMC-Sierra, Inc PM5357-BI Datasheet HTML 5Page - PMC-Sierra, Inc PM5357-BI Datasheet HTML 6Page - PMC-Sierra, Inc PM5357-BI Datasheet HTML 7Page - PMC-Sierra, Inc PM5357-BI Datasheet HTML 8Page - PMC-Sierra, Inc PM5357-BI Datasheet HTML 9Page - PMC-Sierra, Inc PM5357-BI Datasheet HTML 10Page - PMC-Sierra, Inc PM5357-BI Datasheet HTML 11Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 432 page
background image
PRODUCTION
S/UNI-622-POS
PMC-Sierra, Inc.
PM5357
S/UNI-622-POS
DATASHEET
PMC-1980911
ISSUE 5
SATURN USER NETWORK INTERFACE (622-POS)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
2
10.4
THE RECEIVE APS, SYNCHRONIZATION EXTRACTOR AND BIT ERROR MONITOR
(RASE) ........................................................................................................................... 69
10.5
RECEIVE PATH OVERHEAD PROCESSOR (RPOP).................................................... 70
10.6
RECEIVE ATM CELL PROCESSOR (RXCP) ................................................................. 75
10.7
RECEIVE POS FRAME PROCESSOR (RXFP) ............................................................. 79
10.8
TRANSMIT LINE INTERFACE (CSPI-622) .................................................................... 82
10.9
TRANSMIT SECTION OVERHEAD PROCESSOR (TSOP)........................................... 83
10.10
TRANSMIT LINE OVERHEAD PROCESSOR (TLOP) ................................................... 84
10.11
TRANSMIT PATH OVERHEAD PROCESSOR (TPOP) ................................................. 85
10.12
TRANSMIT ATM CELL PROCESSOR (TXCP)............................................................... 86
10.13
TRANSMIT POS FRAME PROCESSOR (TXFP) ........................................................... 87
10.14
SONET/SDH PATH TRACE BUFFER (SPTB)................................................................ 90
10.15
SONET/SDH SECTION TRACE BUFFER (SSTB)......................................................... 92
10.16
ATM UTOPIA AND PACKET OVER SONET/SDH POS-PHY SYSTEM INTERFACES .. 94
10.17
WAN SYNCHRONIZATION CONTROLLER (WANS)..................................................... 98
10.18
JTAG TEST ACCESS PORT ........................................................................................ 101
10.19
MICROPROCESSOR INTERFACE.............................................................................. 101
11
NORMAL MODE REGISTER DESCRIPTION ............................................................................ 109
12
TEST FEATURES DESCRIPTION.............................................................................................. 336
12.1
MASTER TEST AND TEST CONFIGURATION REGISTERS ...................................... 336
12.2
JTAG TEST PORT........................................................................................................ 339
13
OPERATION ............................................................................................................................... 346
13.1
SONET/SDH FRAME MAPPINGS AND OVERHEAD BYTE USAGE .......................... 346
13.2
ATM CELL DATA STRUCTURE.................................................................................... 352
13.3
PACKET OVER SONET/SDH DATA STRUCTURE...................................................... 353
13.4
SETTING ATM MODE OF OPERATION....................................................................... 355
13.5
SETTING PACKET-OVER-SONET/SDH MODE OF OPERATION .............................. 356
13.6
SETTING SONET OR SDH MODE OF OPERATION................................................... 357
13.7
BIT ERROR RATE MONITOR ...................................................................................... 358
13.8
AUTO ALARM CONTROL CONFIGURATION.............................................................. 359
13.9
CLOCKING OPTIONS.................................................................................................. 360
13.10
WAN SYNCHRONIZATION (WANS BLOCK) ............................................................... 361


Similar Part No. - PM5357-BI

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5357-BI PMC-PM5357-BI Datasheet
1Mb / 307P
   SATURN USER NETWORK INTERFACE (622-MAX)
More results

Similar Description - PM5357-BI

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5356 PMC-PM5356 Datasheet
1Mb / 307P
   SATURN USER NETWORK INTERFACE (622-MAX)
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
   SATURN USER NETWORK INTERFACE
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
   SATURN USER NETWORK INTERFACE
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
   SATURN USER NETWORK INTERFACE
PM5346-1 PMC-PM5346-1 Datasheet
70Kb / 11P
   SATURN USER NETWORK INTERFACE (LITE)
PM5348-1 PMC-PM5348-1 Datasheet
941Kb / 238P
   DUAL SATURN USER NETWORK INTERFACE
PM5347S PMC-PM5347S Datasheet
897Kb / 302P
   SATURN USER NETWORK INTERFACE PLUS
PM5349 PMC-PM5349 Datasheet
1Mb / 252P
   SATURN USER NETWORK INTERFACE (155-QUAD)
PM5351 PMC-PM5351 Datasheet
1Mb / 393P
   SATURN USER NETWORK INTERFACE (155-TETRA)
PM5352 PMC-PM5352 Datasheet
699Kb / 77P
   SATURN USER NETWORK INTERFACE 155 (STAR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com