Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C422-35LM Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C422-35LM
Description  HIGH SPEED 256 x 4 STATIC CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C422-35LM Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C422-35LM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C422-35LM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C422-35LM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C422-35LM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C422-35LM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C422-35LM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C422-35LM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C422-35LM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C422-35LM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Document # SRAM101 REV. A
Revised October 2005
FEATURES
High Speed (Equal Access and Cycle Times)
– 10/12/15/20/25/35 ns (Commercial)
– 15/20/25/35 ns (Military)
CMOS for Low Power
– 495 mW Max. – 10/12/15/20/25 (Commercial)
– 495 mW Max. – 15/20/25/35 (Military)
DESCRIPTION
The P4C422 is a 1,024-bit high-speed (10ns) Static
RAM with a 256 x 4 organization. The memory requires
no clocks or refreshing and has equal access and cycle
times. Inputs and outputs are fully TTL compatible.
Operation is from a single 5 Volt supply. Easy memory
expansion is provided by an active LOW chip select one
(CS
1) and active HIGH chip select two (CS 2) as well as
3-state outputs.
P4C422
HIGH SPEED 256 x 4
STATIC CMOS RAM
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
In addition to high performance and high density, the
device features latch-up protection, single event and
upset protection. The P4C422 is offered in several
packages: 22-pin 400 mil DIP (plastic and ceramic), 24-
pin 300 mil SOIC, 24-pin square LCC and 24-pin
CERPACK. Devices are offered in both commercial and
military temperature ranges.
Single 5V±10% Power Supply
Separate I/O
Fully TTL Compatible Inputs and Outputs
Resistant to single event upset and latchup
resulting from advanced process and design
improvements
Standard 22-pin 400 mil DIP, 24-pin 300 mil
SOIC, 24-pin square LCC package and 24-pin
CERPACK package
SOIC (S4)
CERPACK (F3) SIMILAR
DIP (P3-1, C3-1, D3-1)
LCC (L4)


Similar Part No. - P4C422-35LM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
More results

Similar Description - P4C422-35LM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P93U422 PYRAMID-P93U422 Datasheet
217Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Pyramid Semiconductor C...
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1026 PYRAMID-P4C1026 Datasheet
290Kb / 10P
   ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com