Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70125L25JG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT70125L25JG
Description  HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70125L25JG Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT70125L25JG Datasheet HTML 1Page - Integrated Device Technology IDT70125L25JG Datasheet HTML 2Page - Integrated Device Technology IDT70125L25JG Datasheet HTML 3Page - Integrated Device Technology IDT70125L25JG Datasheet HTML 4Page - Integrated Device Technology IDT70125L25JG Datasheet HTML 5Page - Integrated Device Technology IDT70125L25JG Datasheet HTML 6Page - Integrated Device Technology IDT70125L25JG Datasheet HTML 7Page - Integrated Device Technology IDT70125L25JG Datasheet HTML 8Page - Integrated Device Technology IDT70125L25JG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
6.42
IDT70121/IDT70125
High-Speed 2K x 9 Dual-Port Static RAM with Busy & Interrupt
Industrial and Commercial Temperature Ranges
2
APRIL 05, 2006
.
05/27/04
A9R
8
9
10
11
12
13
14
15
16
17
18
IDT70121/125J
J52-1(4)
19
A6L
A7L
A1L
A2L
A3L
A4L
A5L
A8L
I/O0L
I/O1L
I/O2L
I/O3L
46
45
44
43
42
41
40
39
38
37
36
35
A5R
A6R
A0R
A1R
A2R
A3R
A4R
A7R
A8R
I/O8R
I/O7R
INDEX
34
20
OER
A9L
2654 drw 02
52-Pin PLCC
Top View(5)
Pin Configurations(1,2,3)
Description
The IDT70121/IDT70125 are high-speed 2K x 9 Dual-Port Static
RAMs. The IDT70121 is designed to be used as a stand-alone 9-bit Dual-
Port RAM or as a “MASTER” Dual-Port RAM together with the IDT70125
“SLAVE” Dual-Port in 18-bit-or-more word width systems. Using the IDT
MASTER/SLAVE Dual-Port RAM approach in 18-bit-or-wider memory
system applications results in full-speed, error-free operation without the
need for additional discrete logic.
Both devices provide two independent ports with separate control,
address, and I/O pins that permit independent, asynchronous access for
reads or writes to any location in memory. An automatic power-down
feature,controlledby
CE,permitstheon-chipcircuitryofeachporttoenter
a very low standby power mode.
The IDT70121/IDT70125 utilizes a 9-bit wide data path to allow for
Data/Control and parity bits at the user’s option. This feature is especially
usefulindatacommunicationsapplicationswhereitisnecessarytousea
parity bit for transmission/reception error checking.
Fabricated using IDT’s CMOS high-performance technology, these
devices typically operate on only 675mW of power. Low-power (L)
versions offer battery backup data retention capability with each port
typically consuming 200µW from a 2V battery.
The IDT70121/IDT70125 devices are packaged in a 52-pin PLCC.
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately .75 in x .75 in x .17 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.


Similar Part No. - IDT70125L25JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70125L25J IDT-IDT70125L25J Datasheet
168Kb / 12P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
More results

Similar Description - IDT70125L25JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S Datasheet
168Kb / 12P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S IDT-IDT70121S_14 Datasheet
199Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Renesas Technology Corp
70121L RENESAS-70121L Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_17 Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT71V321S IDT-IDT71V321S Datasheet
129Kb / 14P
   HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com