Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1049-45JI Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C1049-45JI
Description  HIGH SPEED 512K x 8 STATIC CMOS RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1049-45JI Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C1049-45JI Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1049-45JI Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1049-45JI Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1049-45JI Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1049-45JI Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1049-45JI Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1049-45JI Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1049-45JI Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1049-45JI Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Document # SRAM128 REV OR
Revised October 2005
P4C1049/P4C1049L
HIGH SPEED 512K x 8
STATIC CMOS RAM
High Speed (Equal Access and Cycle Times)
— 15/20/25 ns (Commercial)
— 20/25/35 ns (Industrial)
— 20/25/35/45/55/70 ns (Military)
Low Power
Single 5V±10% Power Supply
Easy Memory Expansion Using CE
CE
CE
CE
CE and OE
OE
OE
OE
OE
Inputs
Common Data I/O
Three-State Outputs
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
1519B
Fully TTL Compatible Inputs and Outputs
Advanced CMOS Technology
Automatic Power Down
Packages
—36-Pin SOJ (400 mil)
—36-Pin FLATPACK
—36-Pin LCC (452 mil x 920 mil)
FEATURES
DESCRIPTION
The P4C1049 is a 4 Megabit high-speed CMOS
static RAM organized as 512Kx8. The CMOS memory
requires no clocks or refreshing, and has equal access
and cycle times. Inputs are fully TTL-compatible. The
RAM operates from a single 5V±10% tolerance power
supply.
Access times as fast as 15 nanoseconds permit greatly
enhanced system operating speeds. CMOS is utilized
to reduce power consumption to a low level. The P4C1049
is a member of a family of PACE RAM™ products offer-
ing fast access times.
SOLDER-SEAL
FLATPACK (FS-4)
SOJ (J9)
The P4C1049 device provides asynchronous operation
with matching access and cycle times. Memory loca-
tions are specified on address pins A
0 to A18. Reading is
accomplished by device selection (CE) and output en-
abling (OE) while write enable (WE) remains HIGH. By
presenting the address under these conditions, the data
in the addressed memory location is presented on the
data input/output pins. The input/output pins stay in the
HIGH Z state when either CE or OE is HIGH or WE is
LOW.
LCC (L11)


Similar Part No. - P4C1049-45JI

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041-10JC PYRAMID-P4C1041-10JC Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041-10JI PYRAMID-P4C1041-10JI Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041-10TC PYRAMID-P4C1041-10TC Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041-10TI PYRAMID-P4C1041-10TI Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
More results

Similar Description - P4C1049-45JI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C5128AL ISSI-IS61C5128AL Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128AL ISSI-IS61LV5128AL Datasheet
99Kb / 13P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61LV5128 ICSI-IC61LV5128 Datasheet
157Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128 ICSI-IS61LV5128 Datasheet
443Kb / 8P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
61LV5128 ISSI-61LV5128 Datasheet
73Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C5128BL-45QLI ETC2-IS62C5128BL-45QLI Datasheet
512Kb / 14P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C1804096 MOSEL-V62C1804096 Datasheet
157Kb / 10P
   512K X 8, CMOS STATIC RAM
V62C2804096 MOSEL-V62C2804096 Datasheet
163Kb / 10P
   512K X 8, CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com