Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1266V18-375BZXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1266V18-375BZXI
Description  36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1266V18-375BZXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1266V18-375BZXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1266V18-375BZXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1266V18-375BZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1266V18-375BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1266V18-375BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1266V18-375BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1266V18-375BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1266V18-375BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1266V18-375BZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
36-Mbit DDR-II+ SRAM 2-Word
Burst Architecture (2.5 Cycle Read Latency)
CY7C1266V18
CY7C1277V18
CY7C1268V18
CY7C1270V18
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-06347 Rev. *C
Revised May 14, 2007
Features
• 36-Mbit density (4M x 8, 4M x 9, 2M x 18, 1M x 36)
• 300 MHz to 400 MHz clock for high bandwidth
• 2-Word burst for reducing address bus frequency
• Double Data Rate (DDR) interfaces
(data transferred at 800 MHz) @ 400 MHz
• Read latency of 2.5 clock cycles
• Two input clocks (K and K) for precise DDR timing
— SRAM uses rising edges only
• Echo clocks (CQ and CQ) simplify data capture in high
speed systems
• Data valid pin (QVLD) to indicate valid data on the output
• Synchronous internally self-timed writes
• Core VDD = 1.8V ± 0.1V; IO VDDQ = 1.4V to VDD[1]
• HSTL inputs and variable drive HSTL output buffers
• Available in 165-ball FBGA package (15 x 17 x 1.4 mm)
• Offered in both in Pb-free and non Pb-free packages
• JTAG 1149.1 compatible test access port
• Delay Lock Loop (DLL) for accurate data placement
Configurations
With Read Cycle Latency of 2.5 cycles:
CY7C1266V18 – 4M x 8
CY7C1277V18 – 4M x 9
CY7C1268V18 – 2M x 18
CY7C1270V18 – 1M x 36
Functional Description
The CY7C1266V18, CY7C1277V18, CY7C1268V18, and
CY7C1270V18 are 1.8V Synchronous Pipelined SRAMs
equipped with DDR-II+ architecture. The DDR-II+ consists of
an SRAM core with advanced synchronous peripheral
circuitry. Addresses for read and write are latched on alternate
rising edges of the input (K) clock. Write data is registered on
the rising edges of both K and K. Read data is driven on the
rising edges of both K and K. Each address location is
associated with two 8-bit words (CY7C1266V18), 9-bit words
(CY7C1277V18), 18-bit words (CY7C1268V18), or 36-bit
words (CY7C1270V18), that burst sequentially into or out of
the device.
Asynchronous inputs include output impedance matching
input (ZQ). Synchronous data outputs (Q, sharing the same
physical pins as the data inputs, D) are tightly matched to the
two output echo clocks CQ/CQ, eliminating the need to
capture data separately from each individual DDR SRAM in
the system design.
All synchronous inputs pass through input registers controlled
by the K or K input clocks. All data outputs pass through output
registers controlled by the K or K input clocks. Writes are
conducted with on-chip synchronous self-timed write circuitry.
Selection Guide
400 MHz
375 MHz
333 MHz
300 MHz
Unit
Maximum Operating Frequency
400
375
333
300
MHz
Maximum Operating Current
1280
1210
1080
1000
mA
Note
1. The QDR consortium specification for VDDQ is 1.5V + 0.1V. The Cypress QDR devices exceed the QDR consortium specification and are capable of supporting
VDDQ = 1.4V to VDD.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1266V18-375BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C12661KV18 CYPRESS-CY7C12661KV18 Datasheet
903Kb / 30P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1266KV18 CYPRESS-CY7C1266KV18 Datasheet
919Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
More results

Similar Description - CY7C1266V18-375BZXI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMQCBA3636DGBA RENESAS-RMQCBA3636DGBA_15 Datasheet
849Kb / 30P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C12661KV18 CYPRESS-CY7C12661KV18 Datasheet
903Kb / 30P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1268KV18 CYPRESS-CY7C1268KV18_12 Datasheet
871Kb / 28P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1246V18 CYPRESS-CY7C1246V18 Datasheet
1Mb / 27P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1566KV18 CYPRESS-CY7C1566KV18_11 Datasheet
921Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCHA3636DGBA RENESAS-RMQCHA3636DGBA_15 Datasheet
846Kb / 30P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1166V18 CYPRESS-CY7C1166V18 Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1246KV18 CYPRESS-CY7C1246KV18 Datasheet
913Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCEA3636DGBA RENESAS-RMQCEA3636DGBA_15 Datasheet
887Kb / 31P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency) with ODT
logo
Cypress Semiconductor
CY7C1566V18 CYPRESS-CY7C1566V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com