Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM414M914VTA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EM414M914VTA
Description  16Mb ( 2Banks ) Synchronous DRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM414M914VTA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EM414M914VTA Datasheet HTML 1Page - List of Unclassifed Manufacturers EM414M914VTA Datasheet HTML 2Page - List of Unclassifed Manufacturers EM414M914VTA Datasheet HTML 3Page - List of Unclassifed Manufacturers EM414M914VTA Datasheet HTML 4Page - List of Unclassifed Manufacturers EM414M914VTA Datasheet HTML 5Page - List of Unclassifed Manufacturers EM414M914VTA Datasheet HTML 6Page - List of Unclassifed Manufacturers EM414M914VTA Datasheet HTML 7Page - List of Unclassifed Manufacturers EM414M914VTA Datasheet HTML 8Page - List of Unclassifed Manufacturers EM414M914VTA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Rev.01
16Mb SDRAM
2/18
Feature
Fully synchronous to positive clock edge
Single 3.3V +/- 0.3V power supply
• LVTTL compatible with multiplexed address
• Programmable Burst Length (B/ L) - 1,2,4,8 or full page
• Programmable CAS Latency (C/ L) - 2 or 3
• Data Mask (DQM) for Read / Write masking
• Programmable wrap sequence - Sequential ( B/ L = 1/2/4/8/full page )
- Interleave ( B/ L = 1/2/4/8 )
• Burst read with single-bit write operation
• All inputs are sampled at the rising edge of the system clock.
• Auto refresh and self refresh
• 2,048 refresh cycles / 32ms
Description
The EM481M1622VTA is Synchronous Dynamic Random Access Memory (SDRAM) organized as
512K x 2 banks x 16 bits. All inputs and outputs are synchronized with the positive edge of the clock.
The 16Mb SDRAM uses synchronized pipelined architecture to achieve high speed data transfer rates
and is designed to operate at 3.3V low power memory system. It also provides auto refresh with power
saving / down mode. All inputs and outputs voltage levels are compatible with LVTTL .
* EOREX reserves the right to change products or specification without notice.
16Mb ( 2Banks ) Synchronous DRAM
EM481M1622VTA (1Mx16)


Similar Part No. - EM414M914VTA

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CB2RC EMMICRO-EM4100A5CB2RC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LB EMMICRO-EM4100A5CI2LB Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LC EMMICRO-EM4100A5CI2LC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5WP11 EMMICRO-EM4100A5WP11 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
More results

Similar Description - EM414M914VTA

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM481M1622VTC EOREX-EM481M1622VTC Datasheet
699Kb / 18P
   16Mb (512K횞2Bank횞16) Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32321A ESMT-M52S32321A_1 Datasheet
758Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com