Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C198-35DC Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C198-35DC
Description  ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C198-35DC Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C198-35DC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C198-35DC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C198-35DC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C198-35DC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C198-35DC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C198-35DC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C198-35DC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C198-35DC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C198-35DC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Document # SRAM113 REV A
Revised October 2005
P4C198/P4C198L, P4C198A/P4C198AL
ULTRA HIGH SPEED 16K x 4
STATIC CMOS RAMS
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 10/12/15/20/25 ns (Commercial)
– 12/15/20/25/35 ns (Industrial)
– 15/20/25/35/45 ns (Military)
Low Power Operation (Commercial/Military)
5V ± 10% Power Supply
Data Retention, 10
µA Typical Current from 2.0V
P4C198L/198AL (Military)
Output Enable & Chip Enable Control Functions
– Single Chip Enable P4C198
– Dual Chip Enable P4C198A
Common Inputs and Outputs
Fully TTL Compatible Inputs and Outputs
Standard Pinout (JEDEC Approved)
– 24-Pin 300 mil DIP
– 24-Pin 300 mil SOJ
– 28-Pin 350 x 550 mil LCC
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
The P4C198/L and P4C198A/L are 65,536-bit ultra high-
speed static RAMs organized as 16K x 4. Each device
features an active low Output Enable control to eliminate
data bus contention. The P4C198/L also have an active
low Chip Enable (the P4C198A/L have two Chip Enables,
both active low) for easy system expansion. The CMOS
memories require no clocks or refreshing and have equal
access and cycle times. Inputs are fully TTL-compatible.
The RAMs operate from a single 5V ± 10% tolerance
power supply. Data integrity is maintained with supply
DESCRIPTION
voltages down to 2.0V. Current drain is typically 10
µA
from a 2.0V supply.
Access times as fast as 12 nanoseconds are available,
permitting greatly enhanced system operating speeds.
CMOS is used to reduce power consumption to a low 715
mW active, 193 mW standby.
The P4C198/L and P4C198A/L are available in 24-pin
300 mil DIP and SOJ, and 28-pin 350 x 550 mil LCC
packages providing excellent board level densities.
DIP (P4, C4, D4),
SOJ (J4)
P4C198 (P4C198A)
LCC (L5)
P4C198 (P4C198A)


Similar Part No. - P4C198-35DC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C198 ETC-P4C198 Datasheet
83Kb / 10P
   ULTRA HIGH SPEED 16K x 4
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Pyramid Semiconductor C...
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
List of Unclassifed Man...
P4C1981-10DC ETC1-P4C1981-10DC Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C1981-10DM ETC1-P4C1981-10DM Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
More results

Similar Description - P4C198-35DC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Pyramid Semiconductor C...
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com