Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1294DV18 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1294DV18
Description  9-Mbit QDR- II??SRAM 2-Word Burst Architecture
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1294DV18 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1294DV18 Datasheet HTML 1Page - Cypress Semiconductor CY7C1294DV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C1294DV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1294DV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1294DV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1294DV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1294DV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1294DV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1294DV18 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
CY7C1292DV18
CY7C1294DV18
Document #: 001-00350 Rev. *A
Page 3 of 23
Pin Configurations
CY7C1292DV18 (512K x 18)
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
A
CQ
NC
NC
NC
NC
DOFF
NC
NC/144M NC/36M
BWS1
K
WPS
NC/288M
Q9
D9
NC
NC
NC
TDO
NC
NC
D13
NC
NC
NC
TCK
NC
D10
A
NC
K
BWS0
VSS
AAA
Q10
VSS
VSS
VSS
VSS
VDD
A
VSS
VSS
VSS
VDD
Q11
D12
VDDQ
D14
Q14
D16
Q16
Q17
A
VDDQ
VSS
VDDQ
VDD
VDD
Q13
VDDQ
VDD
VDDQ
VDD
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VSS
VSS
VSS
VSS
A
A
C
VSS
A
A
A
D11
VSS
NC
VSS
Q12
NC
VREF
VSS
VDD
VSS
VSS
A
VSS
C
NC
Q15
NC
D17
D15
VDD
A
89
10
11
Q0
NC/18M
NC/72M
RPS
CQ
A
NC
NC
Q8
VSS
NC
Q7
D8
NC
VSS
NC
Q6
D5
NC
NC
VREF
NC
Q3
VDDQ
NC
VDDQ
NC
Q5
VDDQ
VDDQ
VDDQ
D4
VDDQ
NC
Q4
NC
VDDQ
VDDQ
NC
VSS
NC
D2
NC
TDI
TMS
VSS
A
NC
A
D7
D6
NC
ZQ
D3
Q2
D1
Q1
D0
NC
A
165-ball FBGA (13 x 15 x 1.4 mm) Pinout
23
4
56
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
A
CQ
Q27
D27
D28
D34
DOFF
Q33
NC/288M NC/72M
BWS2
K
WPS
BWS1
Q18
D18
Q30
D31
D33
TDO
Q28
D29
D22
D32
Q34
Q31
TCK
D35
D19
A
BWS3
K
BWS0
VSS
A
NC/18M
A
Q19
VSS
VSS
VSS
VSS
VDD
A
VSS
VSS
VSS
VDD
Q20
D21
VDDQ
D23
Q23
D25
Q25
Q26
A
VDDQ
VSS
VDDQ
VDD
VDD
Q22
VDDQ
VDD
VDDQ
VDD
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VSS
VSS
VSS
VSS
A
A
C
VSS
A
A
A
D20
VSS
Q29
VSS
Q21
D30
VREF
VSS
VDD
VSS
VSS
A
VSS
C
Q32
Q24
Q35
D26
D24
VDD
A
89
10
11
Q0
NC/36M NC/144M
RPS
CQ
A
D17
Q17
Q8
VSS
D16
Q7
D8
Q16
VSS
D15
Q6
D5
D9
Q14
VREF
Q11
Q3
VDDQ
Q15
VDDQ
D14
Q5
VDDQ
VDDQ
VDDQ
D4
VDDQ
D12
Q4
Q12
VDDQ
VDDQ
D11
VSS
D10
D2
Q10
TDI
TMS
VSS
A
Q9
A
D7
D6
D13
ZQ
D3
Q2
D1
Q1
D0
Q13
A
CY7C1294DV18 (256K x 36)
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1294DV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C129 CYPRESS-CY7C129 Datasheet
243Kb / 8P
   RAM9 QDR-I/DDR-I/QDR-II/DDR- II Errata
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
CY7C1297A-50AC CYPRESS-CY7C1297A-50AC Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
CY7C1297A-66AC CYPRESS-CY7C1297A-66AC Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
CY7C1297A1-50AC CYPRESS-CY7C1297A1-50AC Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
More results

Similar Description - CY7C1294DV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1310BV18 CYPRESS-CY7C1310BV18_07 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
CY7C1310CV18 CYPRESS-CY7C1310CV18 Datasheet
1Mb / 26P
   18-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1512KV18 CYPRESS-CY7C1512KV18 Datasheet
814Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_07 Datasheet
646Kb / 28P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_07 Datasheet
1Mb / 25P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_06 Datasheet
494Kb / 27P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1310BV18 CYPRESS-CY7C1310BV18 Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com