Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1146V18-333BZC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1146V18-333BZC
Description  18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1146V18-333BZC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1146V18-333BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1146V18-333BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1146V18-333BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1146V18-333BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1146V18-333BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1146V18-333BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1146V18-333BZC Datasheet HTML 13Page - Cypress Semiconductor CY7C1146V18-333BZC Datasheet HTML 14Page - Cypress Semiconductor CY7C1146V18-333BZC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
CY7C1146V18
CY7C1157V18
CY7C1148V18
CY7C1150V18
Document Number: 001-06621 Rev. *C
Page 11 of 27
The write cycle descriptions of CY7C1148V18 follows, [3, 9]
BWS0 BWS1 BWS2 BWS3
KK
Comments
LLLL
L – H
When the Data portion of a write sequence is active, all four bytes (D[35:0]) are
written into the device.
LLLL
L – H When the Data portion of a write sequence is active, all four bytes (D[35:0]) are
written into the device.
L
H
H
H
L – H
When the Data portion of a write sequence is active, only the lower byte (D[8:0]) is
written into the device. D[35:9] remains unaltered.
L
H
H
H
L – H When the Data portion of a write sequence is active, only the lower byte (D[8:0]) is
written into the device. D[35:9] remains unaltered.
H
L
H
H
L – H
When the Data portion of a write sequence is active, only the byte (D[17:9]) is written
into the device. D[8:0] and D[35:18] remains unaltered.
H
L
H
H
L – H When the Data portion of a write sequence is active, only the byte (D[17:9]) is written
into the device. D[8:0] and D[35:18] remains unaltered.
H
H
L
H
L – H
When the Data portion of a write sequence is active, only the byte (D[26:18]) is
written into the device. D[17:0] and D[35:27] remains unaltered.
H
H
L
H
L – H When the Data portion of a Write sequence is active, only the byte (D[26:18]) is
written into the device. D[17:0] and D[35:27] remains unaltered.
H
H
H
L
L – H
When the Data portion of a write sequence is active, only the byte (D[35:27]) is
written into the device. D[26:0] remains unaltered.
H
H
H
L
L – H When the Data portion of a write sequence is active, only the byte (D[35:27]) is
written into the device. D[26:0] remains unaltered.
HHHH
L – H
No data is written into the device when this portion of a write operation is active.
HHHH
L – H No data is written into the device when this portion of a write operation is active.


Similar Part No. - CY7C1146V18-333BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C11461KV18 CYPRESS-CY7C11461KV18 Datasheet
854Kb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1146KV18 CYPRESS-CY7C1146KV18 Datasheet
885Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
More results

Similar Description - CY7C1146V18-333BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C11461KV18 CYPRESS-CY7C11461KV18 Datasheet
854Kb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1246V18 CYPRESS-CY7C1246V18 Datasheet
1Mb / 27P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCHA3636DGBA RENESAS-RMQCHA3636DGBA_15 Datasheet
846Kb / 30P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1546V18 CYPRESS-CY7C1546V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1246KV18 CYPRESS-CY7C1246KV18 Datasheet
913Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C12461KV18 CYPRESS-CY7C12461KV18 Datasheet
895Kb / 29P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1266KV18 CYPRESS-CY7C1266KV18 Datasheet
919Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1166V18 CYPRESS-CY7C1166V18 Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCLA3636DGBA RENESAS-RMQCLA3636DGBA Datasheet
885Kb / 30P
   36-Mbit DDR™ II SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
Dec. 01, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com