Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C164L-80SCLF Datasheet(PDF) 7 Page - Pyramid Semiconductor Corporation

Part # P4C164L-80SCLF
Description  LOW POWER 8K x 8 STATIC CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164L-80SCLF Datasheet(HTML) 7 Page - Pyramid Semiconductor Corporation

Back Button P4C164L-80SCLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C164L-80SCLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C164L-80SCLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C164L-80SCLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C164L-80SCLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C164L-80SCLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164L-80SCLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C164L-80SCLF Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C164L-80SCLF Datasheet HTML 11Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
P4C164L
Page 7 of 11
Document # SRAM116 REV B
DATA RETENTION CHARACTERISTICS
Typ.*
Max
Symbol
Parameter
Test Condition
Min
V
CC=VCC=
Unit
2.0V
3.0V
2.0V
3.0V
V
DR
V
CC for Data Retention
2.0
V
I
CCDR
Data Retention Current
1
1
3
3
µA
t
CDR
Chip Deselect to
0
ns
Data Retention Time
t
R
Operation Recovery Time
t
RC
§
ns
*T
A = +25°C
§t
RC = Read Cycle Time
This parameter is guaranteed but not tested.
DATA RETENTION WAVEFORM
CE
1 ≥ VCC – 0.2V or
CE
2 ≤ 0.2V, VIN ≥ VCC – 0.2V
or V
IN ≤ 0.2V


Similar Part No. - P4C164L-80SCLF

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164LL PYRAMID-P4C164LL Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
P4C164LL-10003CLF PYRAMID-P4C164LL-10003CLF Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
P4C164LL-10003ILF PYRAMID-P4C164LL-10003ILF Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
P4C164LL-10003MBLF PYRAMID-P4C164LL-10003MBLF Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
P4C164LL-10003MLF PYRAMID-P4C164LL-10003MLF Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
More results

Similar Description - P4C164L-80SCLF

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M64A TMT-T15M64A Datasheet
87Kb / 13P
   8K X 8 LOW POWER CMOS STATIC RAM?
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
logo
Intersil Corporation
HM1-65642B-883 INTERSIL-HM1-65642B-883 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
HM-65642 INTERSIL-HM-65642 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
logo
Sharp Corporation
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com