Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMG3001NT1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MMG3001NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3001NT1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MMG3001NT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG3001NT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG3001NT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG3001NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG3001NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3001NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3001NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3001NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3001NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
RF Device Data
Freescale Semiconductor
MMG3001NT1
50 OHM TYPICAL CHARACTERISTICS
10
25
0
TC = 85°C
f, FREQUENCY (GHz)
Figure 2. Small-Signal Gain (S21) versus
Frequency
VCC = 5.6 Vdc
20
15
12
34
25
°C
-40°C
4
−40
0
0
S22
f, FREQUENCY (GHz)
Figure 3. Input/Output Return Loss versus
Frequency
VCC = 5.6 Vdc
ICC = 58 mA
S11
−10
−20
−30
12
3
20
9
23
10
Pout, OUTPUT POWER (dBm)
Figure 4. Small-Signal Gain versus Output
Power
VCC = 5.6 Vdc
ICC = 58 mA
21
19
17
15
13
12
14
16
1960 MHz
900 MHz
11
18
3500 MHz
2140 MHz
3.5
3
2.5
2
1.5
1
0.5
14
21
20
19
17
15
VCC = 5.6 Vdc
ICC = 58 mA
f, FREQUENCY (GHz)
Figure 5. P1dB versus Frequency
18
16
5.7
0
100
4.9
VCC, COLLECTOR VOLTAGE (V)
Figure 6. Collector Current versus Collector
Voltage
80
60
20
5
5.4
5.5
40
5.1
5.2
5.3
5.6
4
18
33
0
f, FREQUENCY (GHz)
Figure 7. Third Order Output Intercept Point
versus Frequency
30
27
24
21
12
3
VCC = 5.6 Vdc
ICC = 58 mA
100 kHz Tone Spacing
2600 MHz


Similar Part No. - MMG3001NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
300Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
461Kb / 15P
   Heterojunction Bipolar Transistor
logo
NXP Semiconductors
MMG3001NT1 NXP-MMG3001NT1 Datasheet
388Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
logo
Freescale Semiconductor...
MMG3001NT1 FREESCALE-MMG3001NT1_08 Datasheet
300Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1_12 Datasheet
461Kb / 15P
   Heterojunction Bipolar Transistor
More results

Similar Description - MMG3001NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com