Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB85R2001PFTN-GE1 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB85R2001PFTN-GE1
Description  Memory FRAM CMOS 2 M Bit (256 K 횞 8)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85R2001PFTN-GE1 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB85R2001PFTN-GE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85R2001PFTN-GE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85R2001PFTN-GE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85R2001PFTN-GE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85R2001PFTN-GE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB85R2001PFTN-GE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB85R2001PFTN-GE1 Datasheet HTML 11Page - Fujitsu Component Limited. MB85R2001PFTN-GE1 Datasheet HTML 12Page - Fujitsu Component Limited. MB85R2001PFTN-GE1 Datasheet HTML 13Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MB85R2001
11
■ POWER ON/OFF SEQUENCE
■ NOTES ON USE
Data that is written prior to IR reflow is not guaranteed to be retained after IR reflow.
■ ORDERING INFOMATION
Part number
Package
MB85R2001PFTN-GE1
48-pin plastic TSOP(1)
(FPT-48P-M25)
CE1 > VCC
× 0.8∗
CE1 : Don't Care
CE1 > VCC
× 0.8∗
tpu
tpd
VCC
CE2
3.0 V
1.0 V
VIH (Min)
VIL (Max)
GND
CE1
CE1
VCC
CE2
3.0 V
1.0 V
VIH (Min)
VIL (Max)
GND
* : CE1 (Max) < VCC
+ 0.5 V
Note : You can choose either of CE1 or CE2, or both for disenable control of the device.
CE2
≤ 0.2 V


Similar Part No. - MB85R2001PFTN-GE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85R2001PFTN-GE1 FUJITSU-MB85R2001PFTN-GE1 Datasheet
314Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001PFTN-GE1 FUJITSU-MB85R2001PFTN-GE1 Datasheet
113Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
More results

Similar Description - MB85R2001PFTN-GE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85R2001 FUJITSU-MB85R2001_09 Datasheet
113Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001_08 Datasheet
314Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85R1001 FUJITSU-MB85R1001_09 Datasheet
94Kb / 12P
   Memory FRAM CMOS 1 M Bit (128 K 횞 8)
MB85R2002 FUJITSU-MB85R2002 Datasheet
302Kb / 12P
   Memory FRAM CMOS 2 M Bit (128 K 횞 16)
MB85R2002 FUJITSU-MB85R2002_09 Datasheet
98Kb / 12P
   Memory FRAM CMOS 2 M Bit (128 K 횞 16)
MB85R1002 FUJITSU-MB85R1002_07 Datasheet
367Kb / 15P
   Memory FRAM CMOS 1 M Bit (64 K 횞 16)
MB85R1002 FUJITSU-MB85R1002_09 Datasheet
127Kb / 16P
   Memory FRAM CMOS 1 M Bit (64 K 횞 16)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com