Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1051DV33-10ZSXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1051DV33-10ZSXI
Description  8-Mbit (512K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1051DV33-10ZSXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1051DV33-10ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1051DV33-10ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1051DV33-10ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1051DV33-10ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1051DV33-10ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1051DV33-10ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1051DV33-10ZSXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1051DV33-10ZSXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1051DV33-10ZSXI Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PRELIMINARY
CY7C1051DV33
Document #: 001-00063 Rev. *C
Page 9 of 11
Package Diagrams
Figure 1. 48-Ball FBGA (7.00 mm x 8.5 mm x 1.2 mm) (51-85106)
A
1
A1 CORNER
0.75
Ø0.30±0.05(48X)
Ø0.25 M C A B
Ø0.05 M C
B
A
0.15(4X)
C
SEATING PLANE
A1 CORNER
TOP VIEW
BOTTOM VIEW
2
3
4
3.75
B
C
D
E
F
G
H
65
46
5
23
1
D
H
F
G
E
C
B
A
7.00±0.10
A
7.00±0.10
B
1.875
51-85106-*E
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1051DV33-10ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1051H CYPRESS-CY7C1051H Datasheet
436Kb / 16P
   8-Mbit (512K 횞 16) Static RAM
CY7C1051H30-10BV1XE CYPRESS-CY7C1051H30-10BV1XE Datasheet
436Kb / 16P
   8-Mbit (512K 횞 16) Static RAM
CY7C1051H30-10BV1XET CYPRESS-CY7C1051H30-10BV1XET Datasheet
436Kb / 16P
   8-Mbit (512K 횞 16) Static RAM
More results

Similar Description - CY7C1051DV33-10ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30_09 Datasheet
414Kb / 15P
   8 Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL Datasheet
314Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30 Datasheet
625Kb / 14P
   8-Mbit (512K x 16) Static RAM
CY62157E CYPRESS-CY62157E_09 Datasheet
380Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL_09 Datasheet
327Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
logo
Elite Semiconductor Mem...
M24D816512DA ESMT-M24D816512DA Datasheet
261Kb / 13P
   8-Mbit (512K x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com