Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049DV33-10ZSXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1049DV33-10ZSXI
Description  4-Mbit (512K x 8) Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049DV33-10ZSXI Datasheet(HTML) 8 Page - Cypress Semiconductor

  CY7C1049DV33-10ZSXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1049DV33-10ZSXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1049DV33-10ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1049DV33-10ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1049DV33-10ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1049DV33-10ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1049DV33-10ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1049DV33-10ZSXI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CY7C1049DV33
Document #: 38-05475 Rev. *C
Page 8 of 8
Document History Page
Document Title: CY7C1049DV33 4-Mbit (512K x 8) Static RAM
Document Number: 38-05475
REV.
ECN NO.
Issue Date
Orig. of
Change
Description of Change
**
201560
See ECN
SWI
Advance Data sheet for C9 IPP
*A
233729
See ECN
SYT
1.AC, DC parameters are modified as per EROS(Spec # 01-2165)
2.Pb-free offering in the ‘ordering information’
*B
351096
See ECN
PCI
Changed from Advance to Preliminary
Removed 20 ns Speed bin
Corrected DC voltage (min) value in maximum ratings section from - 0.5 to
- 0.3V
Redefined ICC values for Com’l and Ind’l temperature ranges
ICC (Com’l): Changed from 100, 80 and 67 mA to 90, 80 and 75 mA for 8, 10
and 12ns speed bins respectively
ICC (Ind’l): Changed from 80 and 67 mA to 90 and 85 mA for 10 and 12ns
speed bins respectively
Added VIH(max) spec in Note# 2
Changed reference voltage level for measurement of Hi-Z parameters from
±500 mV to ±200 mV
Added Data Retention Characteristics/Waveform and footnotes 11 and 12
Changed Package Diagram name from 44-pin TSOP II Z44 to 44-pin TSOP
II ZS44
Changed part names from Z to ZS in the Ordering Information Table
Added 8 ns parts in the Ordering Information Table
Added Lead-Free Ordering Information
Shaded Ordering Information Table
*C
446328
See ECN
NXR
Converted from Preliminary to Final
Removed -8 speed bin
Removed Commercial Operating Range product information
Added Automotive Operating Range product information
Updated Thermal Resistance table
Updated footnote #8 on High-Z parameter measurement
Replaced Package Name column with Package Diagram in the Ordering
Information table
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1049DV33-10ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049DV33-10ZSXI CYPRESS-CY7C1049DV33-10ZSXI Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33-10ZSXI CYPRESS-CY7C1049DV33-10ZSXI Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
More results

Similar Description - CY7C1049DV33-10ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com