Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3515AL-S14-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 3515AL-S14-T
Description  PC POWER SUPPLY SUPERVISOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3515AL-S14-T Datasheet(HTML) 4 Page - Unisonic Technologies

  3515AL-S14-T Datasheet HTML 1Page - Unisonic Technologies 3515AL-S14-T Datasheet HTML 2Page - Unisonic Technologies 3515AL-S14-T Datasheet HTML 3Page - Unisonic Technologies 3515AL-S14-T Datasheet HTML 4Page - Unisonic Technologies 3515AL-S14-T Datasheet HTML 5Page - Unisonic Technologies 3515AL-S14-T Datasheet HTML 6Page - Unisonic Technologies 3515AL-S14-T Datasheet HTML 7Page - Unisonic Technologies 3515AL-S14-T Datasheet HTML 8Page - Unisonic Technologies 3515AL-S14-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3515A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-105,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage, VDD, V12A
-0.3 ~ 16
V
V5,V33, PSONB, IS5, IS33
-0.3 ~ 7
V
IS12AB, V12B
-0.3 ~ 16
V
Input Voltage
PGI
VIN
-0.3 ~ VDD+0.3
V
FPOB
-0.3 ~ 7
V
Output Voltage
PGO
VOUT
-0.3 ~ 7
V
Operating Temperature
TOPR
-40 ~ +125
Storage Temperature
TSTG
-55 ~ +150
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
VDD
4
12
15
V
Supply Voltage
VCC2
9.5
12
15
V
V5,V33 ,PGI ,PSONB
7
V
Input Voltage
V12A, V12B
VIN
15
V
FPOB
7
V
Output Voltage
PGO
VOUT
7
V
FPOB
30
mA
Output Sink Current
PGO
IO(SINK)
10
mA
RI Output Current
IO(RI)
10
65
uA
Supply Voltage Rising Time (VDD)
tR
1
ms
ELECTRICAL CHARACTERISTICS (Ta=25℃ and VDD=5V and V12A=12V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Over Voltage Detection
V12A, V12B
13.2
13.8
14.4
V
V5
5.7
6.1
6.5
V
Over Voltage Threshold
V33
3.7
3.9
4.1
V
ISINK=10mA
0.3
Low Level Output Voltage (FPOB)
VOL
ISINK=30mA
0.7
V
Output Leakage Current (FPOB)
ILEAK
V(FPOB)=5V
5
uA
PSONB
High-Level Input Voltage
VIH
2
V
Low-Level Input Voltage
VIL
0.8
V
Input Pull-up Current
IIN
PSONB=0V
120
uA
PGI and PGO
V12A, V12B
9.5
10
10.5
V
V5
4.1
4.30
4.47
V
Under Voltage Threshold
V33
2.55
2.69
2.83
V
Input Threshold Voltage (PGI)
VI(THD)
1.16
1.20
1.24
V
Low Level Output Voltage (PGO)
VOL
ISINK=10mA
0.4
V
Output Leakage Current (PGO)
ILEAK
PGO=5V
5
uA


Similar Part No. - 3515AL-S14-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3515 ALLEGRO-3515 Datasheet
322Kb / 6P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
May 2, 2005
logo
Lumberg
3515 LUMBERG-3515 Datasheet
188Kb / 3P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
Alpha Wire
3515 ALPHAWIRE-3515 Datasheet
106Kb / 4P
   Customer Specification
logo
Lumberg
3515 LUMBERG-3515 Datasheet
713Kb / 5P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
Alpha Wire
3515 ALPHAWIRE-3515 Datasheet
99Kb / 4P
   Customer Specification
10/28/2022
More results

Similar Description - 3515AL-S14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3513 UTC-3513_15 Datasheet
387Kb / 12P
   PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISOR
logo
Weltrend Semiconductor
WT7527V WELTREND-WT7527V Datasheet
357Kb / 13P
   PC POWER SUPPLY SUPERVISOR
WT7502 WELTREND-WT7502 Datasheet
148Kb / 10P
   PC POWER SUPPLY SUPERVISOR
logo
Richtek Technology Corp...
R7510A RICHTEK-R7510A Datasheet
326Kb / 12P
   PC Power Supply Supervisor
January 2012
logo
Unisonic Technologies
3513 UTC-3513 Datasheet
272Kb / 12P
   PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISOR
S3527L-D16-T UTC-S3527L-D16-T Datasheet
249Kb / 6P
   PC POWER SUPPLY SUPERVISOR
3513 UTC-3513_12 Datasheet
351Kb / 11P
   PC POWER SUPPLY SUPERVISOR
logo
Weltrend Semiconductor
WT7527 WELTREND-WT7527 Datasheet
243Kb / 12P
   PC POWER SUPPLY SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com