Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS95V857CGLF-T Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS95V857CGLF-T
Description  2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V857CGLF-T Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS95V857CGLF-T Datasheet HTML 2Page - Integrated Circuit Systems ICS95V857CGLF-T Datasheet HTML 3Page - Integrated Circuit Systems ICS95V857CGLF-T Datasheet HTML 4Page - Integrated Circuit Systems ICS95V857CGLF-T Datasheet HTML 5Page - Integrated Circuit Systems ICS95V857CGLF-T Datasheet HTML 6Page - Integrated Circuit Systems ICS95V857CGLF-T Datasheet HTML 7Page - Integrated Circuit Systems ICS95V857CGLF-T Datasheet HTML 8Page - Integrated Circuit Systems ICS95V857CGLF-T Datasheet HTML 9Page - Integrated Circuit Systems ICS95V857CGLF-T Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
ICS95V857C
1190A—12/16/05
Notes:
1.
Refers to transition on noninverting output in PLL bypass mode.
2.
While the pulse skew is almost constant over frequency, the duty cycle error
increases at higher frequencies.This is due to the formula: duty cycle=twH/tc, where
the cycle (tc) decreases as the frequency goes up.
3.
Switching characteristics guaranteed for application frequency range.
4.
Static phase offset shifted by design.
Timing Requirements
TA = 0 - 85°C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Max clock frequency
freqop
2.5V+0.2V @ 25
oC
45
233
MHz
Application Frequency
Range
freqApp
2.5V+0.2V @ 25
oC
95
220
MHz
Input clock duty cycle
dtin
40
60
%
CLK stabilization
TSTAB
15
µs
Switching Characteristics (see note 3)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Low-to high level
propagation delay time
tPLH
1
CLK_IN to any output
3.5
ns
High-to low level propagation
delay time
tPLL
1
CLK_IN to any output
3.5
ns
Output enable time
tEN
PD# to any output
3
ns
Output disable time
tdis
PD# to any output
3
ns
Period jitter
Tjit (per)
100MHz to 200MHz
-30
30
ps
Half-period jitter
t(jit_hper)
100MHz to 200MHz
-75
75
ps
Input clock slew rate
tsl(i)
14
V/ns
Output clock slew rate
tsl(o)
12
V/ns
Cycle to Cycle Jitter
1
Tcyc-Tcyc
100MHz to 200MHz
-50
50
ps
Static Phase Offset
t(static phase offset)
4
-50
0
50
ps
Output to Output Skew
Tskew
40
ps


Similar Part No. - ICS95V857CGLF-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS95V857C RENESAS-ICS95V857C Datasheet
141Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
12/16/05
ICS95V857CLLF-T RENESAS-ICS95V857CLLF-T Datasheet
141Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
12/16/05
More results

Similar Description - ICS95V857CGLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857 Datasheet
116Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
ICS95V2F857A RENESAS-ICS95V2F857A Datasheet
361Kb / 14P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857_09 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
95V857 RENESAS-95V857 Datasheet
2Mb / 14P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95V857C RENESAS-ICS95V857C Datasheet
141Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
12/16/05
logo
Integrated Device Techn...
ICS95V857 IDT-ICS95V857 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Integrated Circuit Syst...
ICS95V847 ICST-ICS95V847 Datasheet
85Kb / 9P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
ICS95V847 RENESAS-ICS95V847 Datasheet
271Kb / 10P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95VLP857 RENESAS-ICS95VLP857 Datasheet
293Kb / 14P
   2.5V Low Power Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
logo
Integrated Circuit Syst...
ICS93V857 ICST-ICS93V857 Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com