Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C116-20L28MB Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C116-20L28MB
Description  ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C116-20L28MB Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C116-20L28MB Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C116-20L28MB Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C116-20L28MB Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C116-20L28MB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C116-20L28MB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C116-20L28MB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C116-20L28MB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C116-20L28MB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C116-20L28MB Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
P4C116/P4C116L
Page 3 of 14
Document # SRAM110 REV A
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Sym.
t
RC
t
AA
t
AC
t
OH
t
LZ
t
HZ
t
OE
t
OLZ
t
OHZ
t
PU
t
PD
Parameter
Output Enable Low to Data Valid
Chip Enable to Power Up Time
Chip Disable to Power Down
Read Cycle Time
Address Access Time
Chip Enable Access Time
Output Hold from Address Change
Chip Enable to Output in Low Z
Chip Disable to Output in High Z
Output Enable Low to Low Z
Output Enable High to High Z
–10
Min Max
–12
Min Max
–15
Min Max
–20
Min Max
–25
Min Max
–35
Min Max
Unit
15
15
15
2
2
7
10
0
8
0
15
20
2
2
0
0
20
20
8
10
9
20
25
2
3
0
0
25
25
10
15
12
20
35
2
3
0
0
35
35
15
20
15
25
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
10
2
2
0
0
10
10
5
10
12
2
2
0
0
12
12
6
12
*V
CC = 5.5V. Tested with outputs open. f = Max. Switching inputs are 0V and 3V. CE = VIL, OE = VIH.
I
CC
Symbol
Parameter
Temperature
Range
Dynamic Operating Current*
Commercial
Military
–10
N/A
–12
–20
–25
–35
Unit
mA
mA
POWER DISSIPATION CHARACTERISTICS VS. SPEED
N/A
170
160
155
150
180
170
160
155
150
140
–15
67
8
6
DATA RETENTION CHARACTERISTICS (P4C116L Military Temperature Only)
Symbol
V
DR
I
CCDR
t
CDR
t
R
Parameter
V
CC for Data Retention
Data Retention Current
Chip Deselect to
Data Retention Time
Operation Recovery Time
Test Conditons
CE
≥ V
CC –0.2V,
V
IN ≥ VCC –0.2V
or V
IN ≤ 0.2V
Min
2.0
0
t
RC
§
Typ.*
V
CC =
2.0V
3.0V
Max
V
CC =
2.0V
3.0V
Unit
10
15
600
900
V
µA
ns
ns
*T
A = +25°C
§t
RC = Read Cycle Time
This parameter is guaranteed but not tested.
DATA RETENTION WAVEFORM


Similar Part No. - P4C116-20L28MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
More results

Similar Description - P4C116-20L28MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Integrated Device Techn...
IDT7133SA IDT-IDT7133SA Datasheet
140Kb / 16P
   HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com