Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049BN Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1049BN
Description  512K x 8 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049BN Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1049BN Datasheet HTML 1Page - Cypress Semiconductor CY7C1049BN Datasheet HTML 2Page - Cypress Semiconductor CY7C1049BN Datasheet HTML 3Page - Cypress Semiconductor CY7C1049BN Datasheet HTML 4Page - Cypress Semiconductor CY7C1049BN Datasheet HTML 5Page - Cypress Semiconductor CY7C1049BN Datasheet HTML 6Page - Cypress Semiconductor CY7C1049BN Datasheet HTML 7Page - Cypress Semiconductor CY7C1049BN Datasheet HTML 8Page - Cypress Semiconductor CY7C1049BN Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY7C1049BN
Document #: 001-06501 Rev. **
Page 2 of 10
Note:
1. For guidelines on SRAM system design, please refer to the ‘System Design Guidelines’ Cypress application note, available on the internet at www.cypress.com.
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage on VCC to Relative GND
[2] .... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[2] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[2].................................–0.5V to VCC + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage............................................ >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Selection Guide
7C1049BN-12 7C1049BN-15 7C1049BN-17 7C1049BN-20 7C1049BN-25
Maximum Access Time (ns)
12
15
17
20
25
Maximum Operating Current (mA)
240
220
195
185
180
Maximum CMOS Standby
Current (mA)
Com’l
8
8
8
8
8
Com’l/Ind’l L-
-
0.5
0.5
0.5
Ind’l
-
-
-
9
9
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
4.5V–5.5V
Industrial
–40
°C to +85°C
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C1049B-12
7C1049B-15
7C1049B-17
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC+0.3
2.2
VCC+0.3
2.2
VCC+0.3
V
VIL
Input LOW Voltage[2]
–0.3
0.8
–0.3
0.8
–0.3
0.3
V
IIX
Input Load Current
GND < VI < VCC
–1
+1
–1
+1
–1
+1
µA
IOZ
Output Leakage
Current
GND < VOUT < VCC,
Output Disabled
–1
+1
–1
+1
–1
+1
µA
ICC
VCC Operating
Supply Current
VCC = Max.,
f = fMAX = 1/tRC
240
220
195
mA
ISB1
Automatic CE
Power-Down Current
—TTL Inputs
Max. VCC, CE > VIH
VIN > VIH or
VIN < VIL, f = fMAX
40
40
40
mA
ISB2
Automatic CE
Power-Down Current
—CMOS Inputs
Max. VCC,
CE > VCC – 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V, f = 0
Com’l
8
8
8
mA
Com’l
L
-
-
0.5
mA
Ind’l
-
-
8
mA
Ind’l
L
-
-
0.5
mA
Note:
2. Minimum voltage is–2.0V for pulse durations of less than 20 ns.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1049BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049BN-12VC CYPRESS-CY7C1049BN-12VC Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BN-12VXC CYPRESS-CY7C1049BN-12VXC Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BN-15VC CYPRESS-CY7C1049BN-15VC Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BN-15VI CYPRESS-CY7C1049BN-15VI Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BN-15VXC CYPRESS-CY7C1049BN-15VXC Datasheet
443Kb / 10P
   512K x 8 Static RAM
More results

Similar Description - CY7C1049BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
   512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
   512K x 8 Static RAM
logo
Honeywell Solid State E...
HX6408 HONEYWELL-HX6408 Datasheet
167Kb / 11P
   512k x 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33 Datasheet
195Kb / 9P
   512K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA4008C1X ETC1-WCMA4008C1X Datasheet
176Kb / 10P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com