Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049B-12VC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1049B-12VC
Description  512K x 8 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049B-12VC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1049B-12VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1049B-12VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1049B-12VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1049B-12VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1049B-12VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1049B-12VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1049B-12VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1049B-12VC Datasheet HTML 8Page - Cypress Semiconductor CY7C1049B-12VC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY7C1049B
Document #: 38-05169 Rev. *B
Page 3 of 9
Capacitance[3]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
8pF
COUT
I/O Capacitance
8
pF
AC Test Loads and Waveforms
Note:
3. Tested initially and after any design or process changes that may affect these parameters.
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
≤ 3 ns
≤ 3 ns
OUTPUT
R1 481
R1 481 Ω
R2
255
R2
255
167
Equivalent to:
VENIN EQUIVALENT
1.73V
THÉ
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1049B-12VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049B-12VC CYPRESS-CY7C1049B-12VC Datasheet
132Kb / 10P
   512K x 8 Static RAM
More results

Similar Description - CY7C1049B-12VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
   512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
   512K x 8 Static RAM
logo
Honeywell Solid State E...
HX6408 HONEYWELL-HX6408 Datasheet
167Kb / 11P
   512k x 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33 Datasheet
195Kb / 9P
   512K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA4008C1X ETC1-WCMA4008C1X Datasheet
176Kb / 10P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN Datasheet
455Kb / 10P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com