Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1046DV33 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1046DV33
Description  4-Mbit (1M x 4) Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1046DV33 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1046DV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1046DV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1046DV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1046DV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1046DV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1046DV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1046DV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1046DV33 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY7C1046DV33
Document #: 38-05611 Rev. *B
Page 3 of 8
AC Test Loads and Waveforms[4]
AC Switching Characteristics Over the Operating Range[5]
Parameter
Description
-10
Unit
Min.
Max.
Read Cycle
tpower
[6]
VCC(typical) to the first access
100
µs
tRC
Read Cycle Time
10
ns
tAA
Address to Data Valid
10
ns
tOHA
Data Hold from Address Change
3
ns
tACE
CE LOW to Data Valid
10
ns
tDOE
OE LOW to Data Valid
5
ns
tLZOE
OE LOW to Low-Z[8]
0ns
tHZOE
OE HIGH to High-Z[7, 8]
5ns
tLZCE
CE LOW to Low-Z[8]
3ns
tHZCE
CE HIGH to High-Z[7, 8]
5ns
tPU
CE LOW to Power-up
0
ns
tPD
CE HIGH to Power-Down
10
ns
Write Cycle[9, 10]
tWC
Write Cycle Time
10
ns
tSCE
CE LOW to Write End
7
ns
tAW
Address Set-up to Write End
7
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Set-up to Write Start
0
ns
tPWE
WE Pulse Width
7
ns
tSD
Data Set-up to Write End
5
ns
tHD
Data Hold from Write End
0
ns
tLZWE
WE HIGH to Low-Z[8]
3ns
tHZWE
WE LOW to High-Z[7, 8]
5ns
Notes:
4. AC characteristics (except High-Z) are tested using the load conditions shown in (a). High-Z characteristics are tested for all speeds using the test load shown
in (c).
5. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V.
6. tPOWER gives the minimum amount of time that the power supply should be at stable, typical VCC values until the first memory access can be performed.
7. tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (c) of AC Test Loads. Transition is measured when the outputs enter a high
impedance state.
8. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
9. The internal Write time of the memory is defined by the overlap of CE LOW, and WE LOW. CE and WE must be LOW to initiate a Write, and the transition of either
of these signals can terminate the Write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the Write.
10. The minimum Write cycle time for Write Cycle no. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
* capacitive load consists
of all components of the
test environment
(b)
Rise Time: 1 V/ns
Fall Time: 1 V/ns
30 pF*
OUTPUT
Z=50 Ω
50
1.5V
(a)
3.3V
OUTPUT
5 pF
(c)
R 317 Ω
R2
351
High-Z characteristics:
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1046DV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1046DV33 CYPRESS-CY7C1046DV33 Datasheet
459Kb / 14P
   4-Mbit (1 M 횞 4) Static RAM
CY7C1046DV33-10VXI CYPRESS-CY7C1046DV33-10VXI Datasheet
459Kb / 14P
   4-Mbit (1 M 횞 4) Static RAM
CY7C1046DV33 CYPRESS-CY7C1046DV33_10 Datasheet
459Kb / 14P
   4-Mbit (1 M 횞 4) Static RAM
More results

Similar Description - CY7C1046DV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1046D CYPRESS-CY7C1046D Datasheet
393Kb / 8P
   4-Mbit (1M x 4) Static RAM
CY7C1046BV33 CYPRESS-CY7C1046BV33 Datasheet
136Kb / 8P
   1M x 4 Static RAM
CY7C1046B CYPRESS-CY7C1046B Datasheet
142Kb / 8P
   1M x 4 Static RAM
CY7C1046CV33 CYPRESS-CY7C1046CV33 Datasheet
161Kb / 9P
   1M x 4 Static RAM
CY7C1046BN CYPRESS-CY7C1046BN Datasheet
292Kb / 9P
   1M x 4 Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY7C1059DV33 CYPRESS-CY7C1059DV33 Datasheet
470Kb / 9P
   8-Mbit (1M x 8) Static RAM
CY7C1059DV33 CYPRESS-CY7C1059DV33_07 Datasheet
315Kb / 9P
   8-Mbit (1M x 8) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_10 Datasheet
319Kb / 17P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33_07 Datasheet
545Kb / 11P
   16-Mbit (1M x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com