Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STAC9251X5TAEYY Datasheet(PDF) 9 Page - Integrated Device Technology

Part # STAC9251X5TAEYY
Description  TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9251X5TAEYY Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button STAC9251X5TAEYY Datasheet HTML 5Page - Integrated Device Technology STAC9251X5TAEYY Datasheet HTML 6Page - Integrated Device Technology STAC9251X5TAEYY Datasheet HTML 7Page - Integrated Device Technology STAC9251X5TAEYY Datasheet HTML 8Page - Integrated Device Technology STAC9251X5TAEYY Datasheet HTML 9Page - Integrated Device Technology STAC9251X5TAEYY Datasheet HTML 10Page - Integrated Device Technology STAC9251X5TAEYY Datasheet HTML 11Page - Integrated Device Technology STAC9251X5TAEYY Datasheet HTML 12Page - Integrated Device Technology STAC9251X5TAEYY Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 137 page
background image
STAC9250/9251
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
9
STAC9250/9251
V 1.1 102706
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
1. DESCRIPTION
1.1.
Overview
The STAC9250/9251 are high fidelity, 2-channel audio CODECs compliant with the High Definition
Audio (HD Audio) specification defined by Intel. The STAC9250/9251 enables a two-chip audio and
modem implementation by integrating the “System Side” functionality of Silicon Labs’ modem solu-
tion. The STAC9250/9251 provides a direct interface to Silicon Labs’ “Line Side” integrated circuit.
This integration results in cost savings without sacrificing audio fidelity or modem functionality. The
STAC9251 also implements a direct interface to two digital microphones supporting advanced beam
forming applications resulting in increased quality of voice applications.
1.2.
Features
High-integration HD Audio Product
• 2-channel PC Audio CODEC
• Modem “System-side” functionality1
• Dual Digital Microphone interface (STAC9251)
Two-Channel DACs and ADCs with 24-bit sample resolution
• High performance
Σ∆ technology
• Sample rates up to 192 KHz
• 100dB DAC SNR
Integrated modem functionality from Silicon Labs1 supports reduced BOM costs
• Interfaces directly to Line Side integrated circuit from Silicon Labs
• Supports two-chip audio plus modem functionality
• Supports software modem implementations from Motorola and others compatible with the Sili-
con Labs chipset
• Supports motherboard implementations eliminating MDC card and connector costs
• Reduced board space
• Reduced external component count
Integrated Headphone Amps
Stereo Analog Microphone
• Supports Stereo Microphone
• Microphone Boost 0, 10, 20, 30, 40dB
Dual Digital Microphone Interface optimized for use with Akustica Digital Microphones.
(STAC9251 only)
S/PDIF In and Out
Universal Jacks™ Functionality for jack retasking
Adjustable VREF Out
Digital PC Beep to all outputs
48-pin LQFP Environmental Package
1. Modem functionality can only be used with a “Line Side” DAA integrated circuit, Si3080 or similar, available from Silicon Labs
(www.silabs.com).


Similar Part No. - STAC9251X5TAEYY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
logo
Integrated Device Techn...
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Similar Description - STAC9251X5TAEYY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9204 IDT-STAC9204 Datasheet
2Mb / 213P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
92HD005 IDT-92HD005 Datasheet
2Mb / 205P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
logo
Samsung semiconductor
S5T8610 SAMSUNG-S5T8610 Datasheet
248Kb / 27P
   DIGITAL CLP MODEM WITH ADPCM CODEC
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
   AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Realtek Semiconductor C...
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com