Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1034DV33 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1034DV33
Description  6-Mbit (256K X 24) Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1034DV33 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1034DV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1034DV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1034DV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1034DV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1034DV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1034DV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1034DV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1034DV33 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PRELIMINARY
CY7C1034DV33
Document #: 001-08351 Rev. *A
Page 5 of 8
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VDR
VCC for Data Retention
2
V
ICCDR
Data Retention Current
VCC = 2V , CE1 > VCC – 0.2V,
CE2 < 0.2V, VIN > VCC – 0.2V or
VIN < 0.2V
25
mA
tCDR
[3]
Chip Deselect to Data Retention Time
0
ns
tR
[12]
Operation Recovery Time
tRC
ns
Data Retention Waveform
3V
3V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
CE
VCC
Switching Waveforms
Read Cycle No. 1[13, 14]
Read Cycle No. 2 (OE Controlled)[7, 14, 15]
Notes:
12. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 50 µs or stable at VCC(min.) > 50 µs
13. Device is continuously selected. OE, CE = VIL.
14. WE is HIGH for read cycle.
15. Address valid prior to or coincident with CE transition LOW.
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
HIGH IMPEDANCE
tHZOE
tHZCE
tPD
HIGH
OE
CE
ICC
ISB
IMPEDANCE
ADDRESS
DATA OUT
VCC
SUPPLY
CURRENT
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1034DV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1034DV33 CYPRESS-CY7C1034DV33 Datasheet
443Kb / 9P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33-10BGXI CYPRESS-CY7C1034DV33-10BGXI Datasheet
398Kb / 9P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33-8BGXC CYPRESS-CY7C1034DV33-8BGXC Datasheet
443Kb / 9P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33 CYPRESS-CY7C1034DV33_07 Datasheet
443Kb / 9P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33 CYPRESS-CY7C1034DV33_09 Datasheet
398Kb / 9P
   6-Mbit (256K X 24) Static RAM
More results

Similar Description - CY7C1034DV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1034DV33 CYPRESS-CY7C1034DV33_07 Datasheet
443Kb / 9P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33 CYPRESS-CY7C1034DV33_09 Datasheet
398Kb / 9P
   6-Mbit (256K X 24) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com