Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021CV33-8VXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1021CV33-8VXC
Description  1-Mbit (64K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021CV33-8VXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1021CV33-8VXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1021CV33-8VXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1021CV33-8VXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1021CV33-8VXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1021CV33-8VXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1021CV33-8VXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1021CV33-8VXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1021CV33-8VXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1021CV33-8VXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY7C1021CV33
Document #: 38-05132 Rev. *G
Page 6 of 13
Switching Characteristics Over the Operating Range[7]
Parameter
Description
-8
-10
-12
-15
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tpower
[8]
VCC(typical) to the first access
100
100
100
100
µs
tRC
Read Cycle Time
8
10
12
15
ns
tAA
Address to Data Valid
8
10
12
15
ns
tOHA
Data Hold from Address Change
3
3
3
3
ns
tACE
CE LOW to Data Valid
8
10
12
15
ns
tDOE
OE LOW to Data Valid
5
5
6
7
ns
tLZOE
OE LOW to Low-Z[9]
00
0
0
ns
tHZOE
OE HIGH to High-Z[9, 10]
45
6
7
ns
tLZCE
CE LOW to Low-Z[9]
33
3
3
ns
tHZCE
CE HIGH to High-Z[9, 10]
45
6
7
ns
tPU
[11]
CE LOW to Power-Up
0
0
0
0
ns
tPD
[11]
CE HIGH to Power-Down
8
10
12
15
ns
tDBE
Byte Enable to Data Valid
5
5
6
7
ns
tLZBE
Byte Enable to Low-Z
0
0
0
0
ns
tHZBE
Byte Disable to High-Z
4
5
6
7
ns
Write Cycle[12]
tWC
Write Cycle Time
8
10
12
15
ns
tSCE
CE LOW to Write End
7
8
9
10
ns
tAW
Address Set-up to Write End
7
8
9
10
ns
tHA
Address Hold from Write End
0
0
0
0
ns
tSA
Address Set-up to Write Start
0
0
0
0
ns
tPWE
WE Pulse Width
6
7
8
10
ns
tSD
Data Set-up to Write End
5
5
6
8
ns
tHD
Data Hold from Write End
0
0
0
0
ns
tLZWE
WE HIGH to Low-Z[9]
33
3
3
ns
tHZWE
WE LOW to High-Z[9, 10]
45
6
7
ns
tBW
Byte Enable to End of Write
6
7
8
9
ns
Notes:
7. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V.
8. tPOWER gives the minimum amount of time that the power supply should be at typical VCC values until the first memory access is performed.
9. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
10. tHZOE, tHZBE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (d) of AC Test Loads. Transition is measured ±500 mV from steady-state
voltage.
11. This parameter is guaranteed by design and is not tested.
12. The internal Write time of the memory is defined by the overlap of CE LOW, WE LOW and BHE/BLE LOW. CE, WE and BHE/BLE must be LOW to initiate a
Write, and the transition of these signals can terminate the Write. The input data set-up and hold timing should be referenced to the leading edge of the signal
that terminates the Write.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1021CV33-8VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021CV33-8VC CYPRESS-CY7C1021CV33-8VC Datasheet
231Kb / 12P
   64K x 16 Static RAM
More results

Similar Description - CY7C1021CV33-8VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com