Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021B-15VXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1021B-15VXC
Description  1-Mbit (64K x 16) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021B-15VXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1021B-15VXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1021B-15VXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1021B-15VXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1021B-15VXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1021B-15VXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1021B-15VXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1021B-15VXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1021B-15VXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1021B-15VXC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CY7C1021B
Document #: 38-05145 Rev. *C
Page 10 of 10
Document History Page
Document Title: CY7C1021B 1-Mbit (64K x 16) Static RAM
Document Number: 38-05145
REV.
ECN NO.
Issue Date
Orig. of
Change
Description of Change
**
109889
09/22/01
SZV
Change from Spec number: 38-00951 to 38-05145
*A
238454
See ECN
RKF
1) Added Automotive Specs to Data Sheet
2) Added Pb-Free device offering in the Ordering Information
*B
361795
See ECN
SYT
Added Pb-Free offerings in the Ordering Information
*C
505726
See ECN
NXR
Removed CY7C10211B from Product offering
Changed the description of IIX from Input Load Current to
Input Leakage Current in DC Electrical Characteristics table
Changed teh ICC Max value from 150 mA to 130 mA
Removed IOS parameter from DC Electrical Characteristics table
Updated Ordering Information Table
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1021B-15VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B-15VXC CYPRESS-CY7C1021B-15VXC Datasheet
327Kb / 10P
   1-Mbit (64K X 16) Static RAM
More results

Similar Description - CY7C1021B-15VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com