Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C116-35L28M Datasheet(PDF) 10 Page - Pyramid Semiconductor Corporation

Part # P4C116-35L28M
Description  ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C116-35L28M Datasheet(HTML) 10 Page - Pyramid Semiconductor Corporation

Back Button P4C116-35L28M Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C116-35L28M Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C116-35L28M Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C116-35L28M Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C116-35L28M Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C116-35L28M Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C116-35L28M Datasheet HTML 12Page - Pyramid Semiconductor Corporation P4C116-35L28M Datasheet HTML 13Page - Pyramid Semiconductor Corporation P4C116-35L28M Datasheet HTML 14Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
P4C116/P4C116L
Page 10 of 14
Document # SRAM110 REV A
SOJ SMALL OUTLINE IC PACKAGE
Pkg #
# Pins
Symbol
Min
Max
A
0.128
0.148
A1
0.082
-
b
0.016
0.020
C
0.007
0.010
D
0.620
0.630
e
E
E1
0.292
0.300
E2
Q0.025
-
J4
24 (300 mil)
0.050 BSC
0.267 BSC
0.335 BSC
SQUARE LEADLESS CHIP CARRIER
Pkg #
# Pins
Symbol
Min
Max
A
0.060
0.075
A1
0.050
0.065
B1
0.022
0.028
D/E
0.442
0.460
D1/E1
D2/E2
D3/E3
-
0.460
e
h
j
L
0.045
0.055
L1
0.045
0.055
L2
0.075
0.095
ND
NE
0.050 BSC
7
L5-1
28
0.300 BSC
0.150 BSC
7
0.040 REF
0.020 REF


Similar Part No. - P4C116-35L28M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
More results

Similar Description - P4C116-35L28M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Integrated Device Techn...
IDT7133SA IDT-IDT7133SA Datasheet
140Kb / 16P
   HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com