Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C164-20L32CLF Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P4C164-20L32CLF
Description  ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164-20L32CLF Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P4C164-20L32CLF Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C164-20L32CLF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C164-20L32CLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C164-20L32CLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C164-20L32CLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C164-20L32CLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C164-20L32CLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C164-20L32CLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164-20L32CLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
P4C164
Page 5 of 16
Document # SRAM115 REV F
TIMINIG WAVERFORM OF READ CYCLE NO. 2 (ADDRESS CONTROLLED)(5,6)
TIMING WAVEFORM OF READ CYCLE NO. 3 (
CE
CE
CE
CE
CE
1, CE2 CONTROLLED)
(5,7,10)
Notes:
9. READ Cycle Time is measured from the last valid address to the first
transitioning address.
10. Transitions caused by a chip enable control have similar delays
irrespective of whether
CE
1 or CE2 causes them.
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max
tWC
Write Cycle Time
8
10
1215
2025
354570
100
ns
tCW
Chip Enable
Time to End of
Write
6
7
8
12
15
18
25
33
50
70
ns
tAW
Address Valid to
End of Write
7
8
10
12
15
18
25
33
50
70
ns
tAS
Address Set-up
Time
000
00
00
00
0
ns
tWP
Write Pulse
Width
7
8
9
12
15
18
20
25
40
50
ns
tAH
Address Hold
Time
000
00
00
00
0
ns
tDW
Data Valid to
End of Write
6
7
8
9
1113
15203040
ns
tDH
Date Hold Time
000
00
00
00
0
ns
tWZ
Write Enable to
Output in High Z
67
77
8
10
14
18
30
40
ns
tOW
Output Active
from End of
Write
333
33
33
33
3
ns
Symbol
Parameter
-8
-10
-12
-15
-20
-25
Unit
-35
-45
-70
-100


Similar Part No. - P4C164-20L32CLF

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164L PYRAMID-P4C164L Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P3CLF PYRAMID-P4C164L-100P3CLF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P3ILF PYRAMID-P4C164L-100P3ILF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P6CLF PYRAMID-P4C164L-100P6CLF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P6ILF PYRAMID-P4C164L-100P6ILF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
More results

Similar Description - P4C164-20L32CLF

ManufacturerPart #DatasheetDescription
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6163 FORCE-FT6163 Datasheet
932Kb / 13P
   Ultra High Speed 8K x 9 Static Cmos Rams
logo
Pyramid Semiconductor C...
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com