Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC176DR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC176DR
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC176DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75LBC176DR Datasheet HTML 4Page - Texas Instruments SN75LBC176DR Datasheet HTML 5Page - Texas Instruments SN75LBC176DR Datasheet HTML 6Page - Texas Instruments SN75LBC176DR Datasheet HTML 7Page - Texas Instruments SN75LBC176DR Datasheet HTML 8Page - Texas Instruments SN75LBC176DR Datasheet HTML 9Page - Texas Instruments SN75LBC176DR Datasheet HTML 10Page - Texas Instruments SN75LBC176DR Datasheet HTML 11Page - Texas Instruments SN75LBC176DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SN55LBC176, SN65LBC176, SN65LBC176Q, SN75LBC176
DIFFERENTIAL BUS TRANSCEIVERS
SLLS067G − AUGUST 1990 − REVISED APRIL 2006
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOC
2
RL
VOD2
Vtest
VOD3
60
375
375
2
RL
Figure 1. Driver VOD and VOC
Figure 2. Driver VOD3
VOLTAGE WAVEFORMS
50%
tt(OD)
td(ODL)
10%
tt(OD)
≈ 2.5 V
≈ − 2.5 V
90%
50%
Output
td(ODH)
0 V
3 V
1.5 V
Input
TEST CIRCUIT
Output
CL = 50 pF
(see Note B)
RL = 54 Ω
50
3 V
Generator
(see Note A)
1.5 V
Figure 3. Driver Test Circuit and Voltage Waveforms
VOLTAGE WAVEFORMS
tPHZ
1.5 V
2.3 V
0.5 V
0 V
3 V
tPZH
Output
Input
1.5 V
S1
0 V or 3 V
Output
TEST CIRCUIT
50
VOH
Voff ≈ 0 V
RL = 110 Ω
Generator
(see Note A)
CL = 50 pF
(see Note B)
Figure 4. Driver Test Circuit and Voltage Waveforms
TEST CIRCUIT
Output
RL = 110 Ω
5 V
S1
50
3 V or 0 V
VOLTAGE WAVEFORMS
5 V
VOL
0.5 V
tPZL
3 V
0 V
tPLZ
2.3 V
1.5 V
Output
Input
CL = 50 pF
(see Note B)
Generator
(see Note A)
1.5 V
Figure 5. Driver Test Circuit and Voltage Waveforms
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO =50 Ω.
B. CL includes probe and jig capacitance.


Similar Part No. - SN75LBC176DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC176DR TI-SN75LBC176DR Datasheet
455Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75LBC176DR TI1-SN75LBC176DR Datasheet
1,007Kb / 26P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75LBC176DRG4 TI-SN75LBC176DRG4 Datasheet
455Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75LBC176DRG4 TI1-SN75LBC176DRG4 Datasheet
1,007Kb / 26P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN75LBC176DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com