Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STAC9753A Datasheet(PDF) 9 Page - Integrated Device Technology

Part # STAC9753A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9753A Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button STAC9753A Datasheet HTML 5Page - Integrated Device Technology STAC9753A Datasheet HTML 6Page - Integrated Device Technology STAC9753A Datasheet HTML 7Page - Integrated Device Technology STAC9753A Datasheet HTML 8Page - Integrated Device Technology STAC9753A Datasheet HTML 9Page - Integrated Device Technology STAC9753A Datasheet HTML 10Page - Integrated Device Technology STAC9753A Datasheet HTML 11Page - Integrated Device Technology STAC9753A Datasheet HTML 12Page - Integrated Device Technology STAC9753A Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
9
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
1.4.
Key Specifications
Analog LINE_OUT SNR: 94 dB
Digital DAC SNR: 92 dB
Digital ADC SNR: 85 dB
Full-scale Total Harmonic Distortion: 0.002%
Crosstalk between Input Channels: -70 dB
Spurious Tone Rejection: 100 dB
Stereo Microphone Input
1.5.
Related Materials
Product Brief
Reference Designs for MB, AMR, CNR, and ACR applications
Audio Precision Performance Plots
1.6.
Additional Support
Additional product and company information can be obtained by going to the
IDT web site at: www.IDT.com


Similar Part No. - STAC9753A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9753XXTAEYYX IDT-STAC9753XXTAEYYX Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
More results

Similar Description - STAC9753A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9766 IDT-STAC9766 Datasheet
438Kb / 97P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
STAC9752 IDT-STAC9752 Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
STAC9758 IDT-STAC9758 Datasheet
503Kb / 119P
   HIGH-PERFORMANCE 6-CHANNEL AC??7 2.3 CODEC WITH UNIVERSAL JACKS
logo
Maxim Integrated Produc...
MAX9851 MAXIM-MAX9851 Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
Rev 1; 8/06
MAX9851 MAXIM-MAX9851_V01 Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
logo
Integrated Device Techn...
STAC9750 IDT-STAC9750 Datasheet
634Kb / 73P
   VALUE-LINE TWO-CHANNEL AC??7 CODECS
logo
List of Unclassifed Man...
ALC250 ETC2-ALC250 Datasheet
619Kb / 46P
   TWO CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
Realtek Semiconductor C...
ALC250 REALTEK-ALC250 Datasheet
655Kb / 47P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
Wolfson Microelectronic...
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
   Stereo ADC with Microphone Preamplifier
logo
TDK Electronics
UAC355XB TDK-UAC355XB Datasheet
989Kb / 48P
   Universal Serial Bus (USB) Codecs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com