Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1011CV33-12BVI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1011CV33-12BVI
Description  2-Mbit (128K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1011CV33-12BVI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1011CV33-12BVI Datasheet HTML 1Page - Cypress Semiconductor CY7C1011CV33-12BVI Datasheet HTML 2Page - Cypress Semiconductor CY7C1011CV33-12BVI Datasheet HTML 3Page - Cypress Semiconductor CY7C1011CV33-12BVI Datasheet HTML 4Page - Cypress Semiconductor CY7C1011CV33-12BVI Datasheet HTML 5Page - Cypress Semiconductor CY7C1011CV33-12BVI Datasheet HTML 6Page - Cypress Semiconductor CY7C1011CV33-12BVI Datasheet HTML 7Page - Cypress Semiconductor CY7C1011CV33-12BVI Datasheet HTML 8Page - Cypress Semiconductor CY7C1011CV33-12BVI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY7C1011CV33
Document #: 38-05232 Rev. *E
Page 4 of 11
AC Test Loads and Waveforms[3]
AC Switching Characteristics Over the Operating Range[4]
Parameter
Description
–10
–12
–15
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tpower
[5]
VCC(typical) to the first access
1
1
1
µs
tRC
Read Cycle Time
10
12
15
ns
tAA
Address to Data Valid
10
12
15
ns
tOHA
Data Hold from Address Change
3
3
3
ns
tACE
CE LOW to Data Valid
10
12
15
ns
tDOE
OE LOW to Data Valid
5
6
7
ns
tLZOE
OE LOW to Low-Z
0
0
0
ns
tHZOE
OE HIGH to High-Z[6, 7]
56
7
ns
tLZCE
CE LOW to Low-Z[7]
333
ns
tHZCE
CE HIGH to High-Z[6, 7]
56
7
ns
tPU
CE LOW to Power-up
0
0
0
ns
tPD
CE HIGH to Power-down
10
12
15
ns
tDBE
Byte Enable to Data Valid
5
6
7
ns
tLZBE
Byte Enable to Low-Z
0
0
0
ns
tHZBE
Byte Disable to High-Z
6
6
7
ns
Notes:
3. AC characteristics (except High-Z) for all 10-ns parts are tested using the load conditions shown in (a). All other speeds are tested using the Thevenin load shown
in (b). High-Z characteristics are tested for all speeds using the test load shown in (d).
4. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V.
5. tPOWER gives the minimum amount of time that the power supply should be at typical VCC values until the first memory access is performed.
6. tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (d) of AC Test Loads. Transition is measured ± 500 mV from steady-state voltage.
7. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
3.3V
OUTPUT
30 pF
* CAPACITIVE LOAD CONSISTS
OF ALL COMPONENTS OF THE
TEST ENVIRONMENT
(b)
R 317
R2
351
Rise Time: 1 V/ns
Fall Time: 1 V/ns
30 pF*
OUTPUT
Z = 50
50
1.5V
(c)
(a)
3.3V
OUTPUT
5 pF
(d)
R 317
R2
351
10-ns devices:
12-, 15-ns devices:
High-Z characteristics:
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1011CV33-12BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33-12BVI CYPRESS-CY7C1011CV33-12BVI Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY7C1011CV33-12BVI CYPRESS-CY7C1011CV33-12BVI Datasheet
352Kb / 14P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY7C1011CV33-12BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com