Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1011CV33-12ZXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1011CV33-12ZXI
Description  2-Mbit (128K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1011CV33-12ZXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1011CV33-12ZXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1011CV33-12ZXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1011CV33-12ZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1011CV33-12ZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1011CV33-12ZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1011CV33-12ZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1011CV33-12ZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1011CV33-12ZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1011CV33-12ZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2-Mbit (128K x 16) Static RAM
CY7C1011CV33
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05232 Rev. *E
Revised October 6, 2006
Features
• Pin equivalent to CY7C1011BV33
•High speed
—tAA = 10 ns
• Low active power
— 360 mW (max.)
• Data Retention at 2.0
• Automatic power-down when deselected
• Independent control of upper and lower bits
• Easy memory expansion with CE and OE features
• Available in Pb-free and non Pb-free 44-pin TSOP II,
44-pin TQFP and non Pb-free 48-ball VFBGA packages
Functional Description
The CY7C1011CV33 is a high-performance CMOS Static
RAM organized as 131,072 words by 16 bits.
Writing to the device is accomplished by taking Chip Enable
(CE) and Write Enable (WE) inputs LOW. If Byte Low Enable
(BLE) is LOW, then data from I/O pins (I/O0 through I/O7), is
written into the location specified on the address pins (A0
through A16). If Byte High Enable (BHE) is LOW, then data
from I/O pins (I/O8 through I/O15) is written into the location
specified on the address pins (A0 through A16).
Reading from the device is accomplished by taking Chip
Enable (CE) and Output Enable (OE) LOW while forcing the
Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW,
then data from the memory location specified by the address
pins will appear on I/O0 to I/O7. If Byte High Enable (BHE) is
LOW, then data from memory will appear on I/O8 to I/O15. See
the truth table at the back of this data sheet for a complete
description of read and write modes.
The input/output pins (I/O0 through I/O15) are placed in a
high-impedance state when the device is deselected (CE
HIGH), the outputs are disabled (OE HIGH), the BHE and BLE
are disabled (BHE, BLE HIGH), or during a write operation (CE
LOW, and WE LOW).
The CY7C1011CV33 is available in a standard 44-pin TSOP
II package with center power and ground pinout, a 44-pin Thin
Plastic Quad Flatpack (TQFP), as well as a 48-ball fine-pitch
ball grid array (VFBGA) package.
Logic Block Diagram
Pin Configuration
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
128K x 16
ARRAY
A0
I/O0–I/O7
OE
I/O8–I/O15
CE
WE
BLE
BHE
WE
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
Top View
TSOP II
12
13
41
44
43
42
16
15
29
30
VCC
A15
A14
A13
A4
A3
OE
VSS
A5
I/O15
A2
CE
I/O2
I/O0
I/O1
BHE
NC
A1
A0
18
17
20
19
I/O3
27
28
25
26
22
21
23
24
NC
VSS
I/O6
I/O4
I/O5
I/O7
A6
A7
BLE
VCC
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
I/O8
A8
A9
A10
A11
A12
A16
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1011CV33-12ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33-12ZXI CYPRESS-CY7C1011CV33-12ZXI Datasheet
352Kb / 14P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY7C1011CV33-12ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com