Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS98ULPA877A Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS98ULPA877A
Description  1.8V Low-Power Wide-Range Frequency Clock Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS98ULPA877A Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS98ULPA877A Datasheet HTML 4Page - Integrated Device Technology ICS98ULPA877A Datasheet HTML 5Page - Integrated Device Technology ICS98ULPA877A Datasheet HTML 6Page - Integrated Device Technology ICS98ULPA877A Datasheet HTML 7Page - Integrated Device Technology ICS98ULPA877A Datasheet HTML 8Page - Integrated Device Technology ICS98ULPA877A Datasheet HTML 9Page - Integrated Device Technology ICS98ULPA877A Datasheet HTML 10Page - Integrated Device Technology ICS98ULPA877A Datasheet HTML 11Page - Integrated Device Technology ICS98ULPA877A Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
ICS98ULPA877A
Advance Information
1177C—05/23/07
VDD
GND
ICS98ULPA877A
V(CLK)
V(CLK)
VDD/2
VDD/2
ICS98ULPA877A
R= 10
Ω
Z= 60
Ω
Z=60
Ω
C = 10pF
C = 10pF
Z= 50
Ω
Z= 50
Ω
R= 1M
Ω
R= 10
Ω
L = 2.97"
L = 2.97"
VTT
VTT
Note: VTT =GND
C = 1pF
R=1M
Ω
C= 1pF
SCOPE
GND
Z = 120
Ω
GND
Yx, FB_OUTC
Yx, FB_OUTT
tC(N)
tC(N + 1)
tJIT(CC) =tC(N) +tC(N + 1)
Figure 1: IBIS Model Output Load
Figure 2: Output Load Test Circuit
Figure 3: Cycle-to-Cycle Jitter
Parameter Measurement Information


Similar Part No. - ICS98ULPA877A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS98ULPA877A RENESAS-ICS98ULPA877A Datasheet
367Kb / 15P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
More results

Similar Description - ICS98ULPA877A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS97ULP845A ICST-ICS97ULP845A Datasheet
162Kb / 12P
   1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97U2A877A ICST-ICS97U2A877A Datasheet
175Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97U2A845A ICST-ICS97U2A845A Datasheet
215Kb / 13P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97ULPA877A RENESAS-ICS97ULPA877A Datasheet
407Kb / 16P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS97U2A845A RENESAS-ICS97U2A845A Datasheet
421Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS98ULPA877A RENESAS-ICS98ULPA877A Datasheet
367Kb / 15P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS97U2A877A RENESAS-ICS97U2A877A Datasheet
390Kb / 15P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
logo
Integrated Circuit Syst...
ICS97ULP844A ICST-ICS97ULP844A Datasheet
133Kb / 12P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97ULP844A RENESAS-ICS97ULP844A Datasheet
411Kb / 13P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
logo
Integrated Circuit Syst...
ICS97ULP877A ICST-ICS97ULP877A Datasheet
176Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com