Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C63723C Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C63723C
Description  enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63723C Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C63723C Datasheet HTML 1Page - Cypress Semiconductor CY7C63723C Datasheet HTML 2Page - Cypress Semiconductor CY7C63723C Datasheet HTML 3Page - Cypress Semiconductor CY7C63723C Datasheet HTML 4Page - Cypress Semiconductor CY7C63723C Datasheet HTML 5Page - Cypress Semiconductor CY7C63723C Datasheet HTML 6Page - Cypress Semiconductor CY7C63723C Datasheet HTML 7Page - Cypress Semiconductor CY7C63723C Datasheet HTML 8Page - Cypress Semiconductor CY7C63723C Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
CY7C63722C
CY7C63723C
CY7C63743C
FOR
FOR
Document #: 38-08022 Rev. *C
Page 4 of 49
6.0
Programming Model
Refer to the CYASM Assembler User’s Guide for more details
on firmware operation with the CY7C637xxC microcontrollers.
6.1
Program Counter (PC)
The 14-bit program counter (PC) allows access for up to 8
Kbytes of EPROM using the CY7C637xxC architecture. The
program counter is cleared during reset, such that the first
instruction executed after a reset is at address 0x0000. This
instruction is typically a jump instruction to a reset handler that
initializes the application.
The lower 8 bits of the program counter are incremented as
instructions are loaded and executed. The upper six bits of the
program counter are incremented by executing an XPAGE
instruction. As a result, the last instruction executed within a
256-byte “page” of sequential code should be an XPAGE
instruction. The assembler directive “XPAGEON” will cause
the assembler to insert XPAGE instructions automatically. As
instructions can be either one or two bytes long, the assembler
may occasionally need to insert a NOP followed by an XPAGE
for correct execution.
The program counter of the next instruction to be executed,
carry flag, and zero flag are saved as two bytes on the program
stack during an interrupt acknowledge or a CALL instruction.
The program counter, carry flag, and zero flag are restored
from the program stack only during a RETI instruction.
Please note the program counter cannot be accessed directly
by the firmware. The program stack can be examined by
reading SRAM from location 0x00 and up.
6.2
8-bit Accumulator (A)
The accumulator is the general-purpose, do everything
register in the architecture where results are usually calcu-
lated.
6.3
8-bit Index Register (X)
The index register “X” is available to the firmware as an
auxiliary accumulator. The X register also allows the processor
to perform indexed operations by loading an index value
into X.
6.4
8-bit Program Stack Pointer (PSP)
During a reset, the program stack pointer (PSP) is set to zero.
This means the program “stack” starts at RAM address 0x00
and “grows” upward from there. Note that the program stack
pointer is directly addressable under firmware control, using
the MOV PSP,A instruction. The PSP supports interrupt
service under hardware control and CALL, RET, and RETI
instructions under firmware control.
During an interrupt acknowledge, interrupts are disabled and
the program counter, carry flag, and zero flag are written as
two bytes of data memory. The first byte is stored in the
memory addressed by the program stack pointer, then the
PSP is incremented. The second byte is stored in memory
addressed by the program stack pointer and the PSP is incre-
mented again. The net effect is to store the program counter
and flags on the program “stack” and increment the program
stack pointer by two.
The return from interrupt (RETI) instruction decrements the
program stack pointer, then restores the second byte from
memory addressed by the PSP. The program stack pointer is
decremented again and the first byte is restored from memory
addressed by the PSP. After the program counter and flags
have been restored from stack, the interrupts are enabled. The
effect is to restore the program counter and flags from the
program stack, decrement the program stack pointer by two,
and reenable interrupts.
The call subroutine (CALL) instruction stores the program
counter and flags on the program stack and increments the
PSP by two.
The return from subroutine (RET) instruction restores the
program counter, but not the flags, from program stack and
decrements the PSP by two.
Note that there are restrictions in using the JMP, CALL, and
INDEX instructions across the 4-KByte boundary of the
program memory. Refer to the CYASM Assembler User’s
Guide for a detailed description.
6.5
8-bit Data Stack Pointer (DSP)
The data stack pointer (DSP) supports PUSH and POP
instructions that use the data stack for temporary storage. A
PUSH instruction will pre-decrement the DSP, then write data
to the memory location addressed by the DSP. A POP
instruction will read data from the memory location addressed
by the DSP, then post-increment the DSP.
During a reset, the Data Stack Pointer will be set to zero. A
PUSH instruction when DSP equals zero will write data at the
top of the data RAM (address 0xFF). This would write data to
the memory area reserved for a FIFO for USB endpoint 0. In
non-USB applications, this works fine and is not a problem.
For USB applications, the firmware should set the DSP to an
appropriate location to avoid a memory conflict with RAM
dedicated to USB FIFOs. The memory requirements for the
USB endpoints are shown in Section 8.2. For example,
assembly instructions to set the DSP to 20h (giving 32 bytes
for program and data stack combined) are shown below.
MOV A,20h
; Move 20 hex into Accumulator (must be
D8h or less to avoid USB FIFOs)
SWAP A,DSP ; swap accumulator value into DSP register
6.6
Address Modes
The CY7C637xxC microcontrollers support three addressing
modes for instructions that require data operands: data, direct,
and indexed.
6.6.1
Data
The “Data” address mode refers to a data operand that is
actually a constant encoded in the instruction. As an example,
consider the instruction that loads A with the constant 0x30:
• MOV A, 30h
This instruction will require two bytes of code where the first
byte identifies the “MOV A” instruction with a data operand as
the second byte. The second byte of the instruction will be the
constant “0xE8h”. A constant may be referred to by name if a
prior “EQU” statement assigns the constant value to the name.
For example, the following code is equivalent to the example
shown above.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C63723C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63723C CYPRESS-CY7C63723C Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723C CYPRESS-CY7C63723C Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723C-PXC CYPRESS-CY7C63723C-PXC Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723C-SXC CYPRESS-CY7C63723C-SXC Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
More results

Similar Description - CY7C63723C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723-SXC CYPRESS-CY7C63723-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63743-SXC CYPRESS-CY7C63743-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722 CYPRESS-CY7C63722 Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_11 Datasheet
1Mb / 86P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com