Electronic Components Datasheet Search |
|
SN65LVDS180PWR Datasheet(PDF) 4 Page - Texas Instruments |
|
|
SN65LVDS180PWR Datasheet(HTML) 4 Page - Texas Instruments |
4 / 27 page www.ti.com ABSOLUTE MAXIMUM RATINGS (1) DISSIPATION RATING TABLE RECOMMENDED OPERATING CONDITIONS 2.4 * V ID 2 V ID 2 SN65LVDS179,, SN65LVDS180 SN65LVDS050, SN65LVDS051 SLLS301O – APRIL 1998 – REVISED MAY 2007 over operating free-air temperature range (unless otherwise noted) UNIT VCC (see (2)) Supply voltage range –0.5 V to 4 V D, R, DE, RE –0.5 V to 6 V Voltage range: Y, Z, A, and B –0.5 V to 4 V |VOD| Differential output voltage: 1 V Electrostatic discharge: Y, Z, A, B , and GND (see (3)) CLass 3, A:12 kV, B:600 V All Class 3, A:7 kV, B:500 V Continuous power dissipation See Dissipation Rating Table Storage temperature range –65°C to 150°C Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 250°C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential I/O bus voltages are with respect to network ground terminal. (3) Tested in accordance with MIL-STD-883C Method 3015.7. TA≤ 25°C DERATING FACTOR TA = 85°C PACKAGE POWER RATING ABOVE TA = 25°C(1) POWER RATING PW(14) 736 mW 5.9 mW/°C 383 mW PW(16) 839 mW 6.7 mW/°C 437 mW D(8) 635 mW 5.1 mW/°C 330 mW/°C D(14) 987 mW 7.9 mW/°C 513 mW/°C D(16) 1110 mW 8.9 mW/°C 577 mW/°C DGK 424 mW 3.4 mW/°C 220 mW (1) This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no airflow. MIN NOM MAX UNIT VCC Supply voltage 3 3.3 3.6 V VIH High-level input voltage 2 V VIL Low-level input voltage 0.8 V |VID| Magnitude of differential input voltage 0.1 0.6 V |VOD(dis)| Magnitude of differential output voltage with disabled driver 520 mV VOY or VOZ Driver output voltage 0 2.4 V VIC Common-mode input voltage (see Figure 5) V VCC-0.8 TA Operating free-air temperature –40 85 °C 4 Submit Documentation Feedback |
Similar Part No. - SN65LVDS180PWR |
|
Similar Description - SN65LVDS180PWR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |