Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICSSSTUB32872A Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICSSSTUB32872A
Description  28-Bit Registered Buffer for DDR2
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSSSTUB32872A Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICSSSTUB32872A Datasheet HTML 6Page - Integrated Circuit Systems ICSSSTUB32872A Datasheet HTML 7Page - Integrated Circuit Systems ICSSSTUB32872A Datasheet HTML 8Page - Integrated Circuit Systems ICSSSTUB32872A Datasheet HTML 9Page - Integrated Circuit Systems ICSSSTUB32872A Datasheet HTML 10Page - Integrated Circuit Systems ICSSSTUB32872A Datasheet HTML 11Page - Integrated Circuit Systems ICSSSTUB32872A Datasheet HTML 12Page - Integrated Circuit Systems ICSSSTUB32872A Datasheet HTML 13Page - Integrated Circuit Systems ICSSSTUB32872A Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
1222F—3/13/07
ICSSSTUB32872A
Advance Information
Absolute Maximum Ratings
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 2.5V
Input Voltage
1,
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-0.5V to VDD +2.5V
Output Voltage
1,2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-0.5V to VDDQ + 0.5V
Input Clamp Current . . . . . . . . . . . . . . . . . . . . ±50 mA
Output Clamp Current . . . . . . . . . . . . . . . . . . . ±50mA
Continuous Output Current . . . . . . . . . . . . . . . ±50mA
VDD or GND Current/Pin . . . . . . . . . . . . . . . . ±100mA
Package Thermal Impedance
3
. . . . . . . . . . . . . . .
36°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Notes:
1. The input and output negative voltage
ratings may be excluded if the input
and output clamp ratings are observed.
2. This value is limited to 2.5V maximum.
3. The package thermal impedance is
calculated
in
accordance
with
JESD 51.
Recommended Operating Conditions
PARAMETER
MIN
TYP
MAX
UNITS
VDDQ
1.7
1.8
1.9
VREF
0.49 x VDD
0.5 x VDD
0.51 x VDD
VTT
VREF - 0.04
VREF
VREF + 0.04
VI
Input Voltage
0
VDDQ
VIH (DC)
DC Input High Voltage
VREF + 0.125
VIH (AC)
AC Input High Voltage
VREF + 0.250
VIL (DC)
DC Input Low Voltage
VREF - 0.125
VIL (AC)
AC Input Low Voltage
VREF - 0.250
VIH
Input High Voltage Level
0.65 x VDDQ
VIL
Input Low Voltage Level
0.35 x VDDQ
VICR
Common mode Input Range
0.675
1.125
VID
Differential Input Voltage
0.600
IOH
-8
IOL
8
TA
070
°C
1Guaranteed by design, not 100% tested in production.
mA
Note: Rst and Cn inputs must be helf at valid logic levels (not floating) to ensure proper device operation. The
differential inputs must not be floating unless Rst is low.
V
DESCRIPTION
I/O Supply Voltage
Reference Voltage
Operating Free-Air Temperature
RESET
CK, CK
Low-Level Output Current
Termination Voltage
High-Level Output Current
Data Inputs


Similar Part No. - ICSSSTUB32872A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICSSSTUB32872A RENESAS-ICSSSTUB32872A Datasheet
214Kb / 18P
   28-Bit Registered Buffer for DDR2
3/13/07
ICSSSTUB32872AHLFT RENESAS-ICSSSTUB32872AHLFT Datasheet
214Kb / 18P
   28-Bit Registered Buffer for DDR2
3/13/07
ICSSSTUB32872AHMLFT RENESAS-ICSSSTUB32872AHMLFT Datasheet
214Kb / 18P
   28-Bit Registered Buffer for DDR2
3/13/07
More results

Similar Description - ICSSSTUB32872A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICSSSTUB32872A RENESAS-ICSSSTUB32872A Datasheet
214Kb / 18P
   28-Bit Registered Buffer for DDR2
3/13/07
logo
Integrated Device Techn...
IDT74SSTUBF32868A IDT-IDT74SSTUBF32868A Datasheet
541Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
ICSSSTUB32S868D RENESAS-ICSSSTUB32S868D Datasheet
525Kb / 21P
   28-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUAF32868B RENESAS-ICSSSTUAF32868B Datasheet
737Kb / 23P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
logo
Integrated Device Techn...
ICSSSTUAH32868A IDT-ICSSSTUAH32868A Datasheet
539Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32868A IDT-ICSSSTUAF32868A Datasheet
538Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32868B IDT-ICSSSTUAF32868B Datasheet
539Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
IDT74SSTUBF32868A RENESAS-IDT74SSTUBF32868A Datasheet
831Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
IDT74SSTUBH32868A RENESAS-IDT74SSTUBH32868A Datasheet
739Kb / 23P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
logo
Integrated Device Techn...
IDT74SSTUBH32868A IDT-IDT74SSTUBH32868A Datasheet
524Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com