Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C245A-35QMB Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C245A-35QMB
Description  2K x 8 Reprogrammable Registered PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C245A-35QMB Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C245A-35QMB Datasheet HTML 5Page - Cypress Semiconductor CY7C245A-35QMB Datasheet HTML 6Page - Cypress Semiconductor CY7C245A-35QMB Datasheet HTML 7Page - Cypress Semiconductor CY7C245A-35QMB Datasheet HTML 8Page - Cypress Semiconductor CY7C245A-35QMB Datasheet HTML 9Page - Cypress Semiconductor CY7C245A-35QMB Datasheet HTML 10Page - Cypress Semiconductor CY7C245A-35QMB Datasheet HTML 11Page - Cypress Semiconductor CY7C245A-35QMB Datasheet HTML 12Page - Cypress Semiconductor CY7C245A-35QMB Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CY7C245A
Document #: 38-04007 Rev. *E
Page 11 of 13
Figure 6. 24-Lead (300-Mil) SOIC S13
Package Diagrams (continued)
PIN 1 ID
SEATING PLANE
0.597[15.163]
0.615[15.621]
1
12
13
24
*
*
*
0.291[7.391]
0.300[7.620]
0.394[10.007]
0.419[10.642]
0.050[1.270]
TYP.
0.092[2.336]
0.105[2.667]
0.004[0.101]
0.0118[0.299]
0.0091[0.231]
0.0125[0.317]
0.015[0.381]
0.050[1.270]
0.013[0.330]
0.019[0.482]
0.026[0.660]
0.032[0.812]
0.004[0.101]
PART #
S24.3 STANDARD PKG.
SZ24.3 LEAD FREE PKG.
MIN.
MAX.
NOTE :
1. JEDEC STD REF MO-119
2. BODY LENGTH DIMENSION DOES NOT INCLUDE MOLD PROTRUSION/END FLASH,BUT
MOLD PROTRUSION/END FLASH SHALL NOT EXCEED 0.010 in (0.254 mm) PER SIDE
3. DIMENSIONS IN INCHES
4. PACKAGE WEIGHT 0.65gms
DOES INCLUDE MOLD MISMATCH AND ARE MEASURED AT THE MOLD PARTING LINE.
51-85025-*C
[+] Feedback
[+] Feedback


Similar Part No. - CY7C245A-35QMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C245A-35QMB CYPRESS-CY7C245A-35QMB Datasheet
227Kb / 12P
   2K x 8 Reprogrammable Registered PROM
More results

Similar Description - CY7C245A-35QMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
   2K x 8 Reprogrammable Registered PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
logo
STMicroelectronics
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
   MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
STMicroelectronics
WS57C45 STMICROELECTRONICS-WS57C45 Datasheet
78Kb / 9P
   HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com