Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199D-10VXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C199D-10VXI
Description  256K (32K x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199D-10VXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C199D-10VXI Datasheet HTML 1Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 2Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 3Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 4Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 5Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 6Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 7Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 8Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY7C199D
Document #: 38-05471 Rev. *D
Page 3 of 10
Maximum Ratings
Exceeding the maximum ratings may impair the useful life of
the device. These user guidelines are not tested.
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage on VCC to Relative GND [2] ... –0.5V to +6.0V
DC Voltage Applied to Outputs
in High-Z State [2] ...................................–0.5V to VCC + 0.5V
DC Input Voltage [2] ............................... –0.5V to VCC + 0.5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current ................................................... > 200 mA
Operating Range
Range
Ambient
Temperature
VCC
Speed
Industrial
–40°C to +85°C
5V
± 0.5V
10 ns
Electrical Characteristics (Over the Operating Range)
Parameter
Description
Test Conditions
7C199D-10
Unit
Min
Max
VOH
Output HIGH Voltage
IOH=–4.0 mA
2.4
V
VOL
Output LOW Voltage
IOL=8.0 mA
0.4
V
VIH
Input HIGH Voltage [2]
2.0
VCC + 0.5
V
VIL
Input LOW Voltage [2]
–0.5
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–1
+1
µA
IOZ
Output Leakage Current
GND < VO < VCC, Output Disabled
–1
+1
µA
ICC
VCC Operating Supply Current
VCC = Max,
IOUT = 0 mA,
f = fmax = 1/tRC
100 MHz
80
mA
83 MHz
72
mA
66 MHz
58
mA
40 MHz
37
mA
ISB1
Automatic CE
Power-down Current— TTL Inputs
Max VCC, CE > VIH,
VIN > VIH or VIN < VIL, f = fmax
10
mA
ISB2
Automatic CE
Power-down Current— CMOS Inputs
Max VCC, CE > VCC – 0.3V
VIN > VCC – 0.3V or VIN < 0.3V, f = 0
3mA
Note:
2. VIL(min) = –2.0V and VIH(max) = VCC + 1V for pulse durations of less than 5 ns.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C199D-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199D-10VXI CYPRESS-CY7C199D-10VXI Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D-10VXI CYPRESS-CY7C199D-10VXI Datasheet
476Kb / 14P
   256 K (32 K x 8) Static RAM Automatic power-down when deselected
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
More results

Similar Description - CY7C199D-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com