Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS051PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS051PWR
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS051PWR Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDS051PWR Datasheet HTML 1Page - Texas Instruments SN65LVDS051PWR Datasheet HTML 2Page - Texas Instruments SN65LVDS051PWR Datasheet HTML 3Page - Texas Instruments SN65LVDS051PWR Datasheet HTML 4Page - Texas Instruments SN65LVDS051PWR Datasheet HTML 5Page - Texas Instruments SN65LVDS051PWR Datasheet HTML 6Page - Texas Instruments SN65LVDS051PWR Datasheet HTML 7Page - Texas Instruments SN65LVDS051PWR Datasheet HTML 8Page - Texas Instruments SN65LVDS051PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
www.ti.com
DEVICE ELECTRICAL CHARACTERISTICS
DRIVER ELECTRICAL CHARACTERISTICS
SN65LVDS179,, SN65LVDS180
SN65LVDS050, SN65LVDS051
SLLS301O – APRIL 1998 – REVISED MAY 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
SN65LVDS179
No receiver load, driver RL = 100 Ω
9
12
mA
Driver and receiver enabled, no receiver load, driver RL = 100 Ω
9
12
Driver enabled, receiver disabled, RL = 100 Ω
5
7
SN65LVDS180
mA
Driver disabled, receiver enabled, no load
1.5
2
Disabled
0.5
1
Supply
ICC
Drivers and receivers enabled, no receiver loads, driver RL = 100 Ω
12
20
current
Drivers enabled, receivers disabled, RL = 100 Ω
10
16
SN65LVDS050
mA
Drivers disabled, receivers enabled, no loads
3
6
Disabled
0.5
1
Drivers enabled, No receiver loads, driver RL = 100 Ω
12
20
SN65LVDS051
mA
Drivers disabled, no loads
3
6
(1)
All typical values are at 25°C and with a 3.3-V supply.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOD|
Differential output voltage magnitude
247
340
454
RL = 100 Ω, See
mV
Change in differential output voltage magnitude between logic
Figure 3 and Figure 2
∆|V
OD|
-50
50
states
VOC(SS)
Steady-state common-mode output voltage
1.125
1.2
1.375
V
Change in steady-state common-mode output voltage between
∆V
OC(SS)
See Figure 3
–50
50
mV
logic states
VOC(PP)
Peak-to-peak common-mode output voltage
50
150
mV
DE
–0.5
–20
IIH
High-level input current
VIH = 5 V
µA
D
2
20
DE
–0.5
–10
IIL
Low-level input current
VIL = 0.8 V
µA
D
2
10
VOY or VOZ = 0 V
3
10
IOS
Short-circuit output current
mA
VOD = 0 V
3
10
DE = OV
VOY = VOZ = OV
IO(OFF)
Off-state output current
–1
1
µA
DE = VCC
VOY = VOZ = OV,
VCC < 1.5 V
CIN
Input capacitance
3
pF
5
Submit Documentation Feedback


Similar Part No. - SN65LVDS051PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS051PWR TI-SN65LVDS051PWR Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS051PWR TI-SN65LVDS051PWR Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS051PWR TI1-SN65LVDS051PWR Datasheet
1Mb / 50P
[Old version datasheet]   High-Speed Differential Line Drivers
SN65LVDS051PWRG4 TI-SN65LVDS051PWRG4 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS051PWRG4 TI-SN65LVDS051PWRG4 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS051PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179_0705 TI-SN65LVDM179_0705 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com