Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD05PE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65HVD05PE4
Description  HIGH OUTPUT RS-485 TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD05PE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD05PE4 Datasheet HTML 2Page - Texas Instruments SN65HVD05PE4 Datasheet HTML 3Page - Texas Instruments SN65HVD05PE4 Datasheet HTML 4Page - Texas Instruments SN65HVD05PE4 Datasheet HTML 5Page - Texas Instruments SN65HVD05PE4 Datasheet HTML 6Page - Texas Instruments SN65HVD05PE4 Datasheet HTML 7Page - Texas Instruments SN65HVD05PE4 Datasheet HTML 8Page - Texas Instruments SN65HVD05PE4 Datasheet HTML 9Page - Texas Instruments SN65HVD05PE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.ti.com
RECEIVER SWITCHING CHARACTERISTICS
PARAMETER MEASUREMENT INFORMATION
IOA
VOD
54
Ω ±1%
0 or 3 V
VOA
VOB
IOB
DE
VCC
II
VI
A
B
60
Ω ±1%
VOD
0 or 3 V
_
+ -7 V < V(test)
< 12 V
DE
VCC
A
B
D
375
Ω ±1%
375
Ω ±1%
SN65HVD05
,, SN65HVD06
SN75HVD05, SN65HVD07
SN75HVD06, SN75HVD07
SLLS533D – MAY 2002 – REVISED JULY 2006
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output 1/2 UL
HVD05
14.6
25
ns
tPHL
Propagation delay time, high-to-low-level output 1/2 UL
HVD05
14.6
25
ns
HVD06
55
70
tPLH
Propagation delay time, low-to-high-level output 1/8 UL
ns
HVD07
55
70
VID = -1.5 V to 1.5 V,
HVD06
CL = 15 pF,
55
70
tPHL
Propagation delay time, high-to-low-level output 1/8 UL
ns
See Figure 8
HVD07
55
70
HVD05
2
tsk(p)
Pulse skew (|tPHL - tPLH|)
HVD06
4.5
ns
HVD07
4.5
HVD05
6.5
tsk(pp)(2)
Part-to-part skew
HVD06
14
ns
HVD07
14
tr
Output signal rise time
2
3
CL = 15 pF,
ns
See Figure 8
tf
Output signal fall time
2
3
tPZH1
Output enable time to high level
10
CL = 15 pF,
tPZL1
Output enable time to low level
10
DE at 3 V,
ns
tPHZ
Output disable time from high level
15
See Figure 9
tPLZ
Output disable time from low level
15
tPZH2
Propagation delay time, standby-to-high-level output
6
CL = 15 pF, DE at 0,
µs
See Figure 10
tPZL2
Propagation delay time, standby-to-low-level output
6
(1)
All typical values are at 25°C and with a 5-V supply.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
Figure 1. Driver VOD Test Circuit and Voltage and Current Definitions
Figure 2. Driver VOD With Common-Mode Loading Test Circuit
6
Submit Documentation Feedback


Similar Part No. - SN65HVD05PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD05P TI-SN65HVD05P Datasheet
220Kb / 19P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD05PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD05 TI-SN65HVD05 Datasheet
220Kb / 19P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
logo
Exar Corporation
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com