Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C150 Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C150
Description  ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C150 Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C150 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
P4C150
Page 3 of 11
Document # SRAM105 REV A
Notes:
5.WE is HIGH for READ cycle.
6.CS and OE are LOW for READ cycle.
7.ADDRESS must be valid prior to, or concident with, CS transition
LOW, t
AA must still be met.
Min
Sym.
t
RC
t
AA
t
AC
t
HZ
t
OE
t
OLZ
Read Cycle Time
Chip Select Access Time
Output Hold from
Address Change
Chip Enable to
Output in Low Z
Chip Disable to
Output in High Z
Output Enable to
Data Valid
Output Enable to
Output in Low Z
-10
-12
-15
-20
-25
-35
Unit
ns
ns
ns
ns
ns
ns
ns
ns
Min
Max
10
8
4
10
2
2
AC CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
12
2
2
Max
12
10
6
Min
15
2
2
Max
15
12
8
Min
20
2
2
Max
20
14
10
Min
25
2
2
Max
25
15
13
Min
35
2
2
Max
35
35
15
Parameter
Address Access Time
t
OH
t
LZ
t
OHZ
Output Disable to
Output in High Z
7
9
10
14
15
20
22
2
2
2
2
57
9
11
13
16
ns
TIMING WAVEFORM OF READ CYCLE NO. 1(5,6)
8. Transition is measured ±200 mV from steady state voltage
prior to change, with loading as specified in Figure 1.
9. Read Cycle Time is measured from the last valid address to
the first transitioning address.
TIMING WAVEFORM OF READ CYCLE NO. 2 (CS
CS
CS
CS
CS CONTROLLED)(5,7)


Similar Part No. - P4C150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
P4C150-10DC ETC1-P4C150-10DC Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
P4C150-10DM ETC1-P4C150-10DM Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
P4C150-10DMB ETC1-P4C150-10DMB Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
P4C150-10FC ETC1-P4C150-10FC Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
More results

Similar Description - P4C150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
   ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1026 PYRAMID-P4C1026 Datasheet
290Kb / 10P
   ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C149 CYPRESS-CY7C149 Datasheet
161Kb / 8P
   1K x 4 Static RAM
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com