Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75HVD05D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD05D
Description  HIGH OUTPUT RS-485 TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD05D Datasheet(HTML) 1 Page - Texas Instruments

  SN75HVD05D Datasheet HTML 1Page - Texas Instruments SN75HVD05D Datasheet HTML 2Page - Texas Instruments SN75HVD05D Datasheet HTML 3Page - Texas Instruments SN75HVD05D Datasheet HTML 4Page - Texas Instruments SN75HVD05D Datasheet HTML 5Page - Texas Instruments SN75HVD05D Datasheet HTML 6Page - Texas Instruments SN75HVD05D Datasheet HTML 7Page - Texas Instruments SN75HVD05D Datasheet HTML 8Page - Texas Instruments SN75HVD05D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
D OR P PACKAGE
(TOP VIEW)
1
2
3
4
6
7
A
B
R
RE
DE
D
LOGIC DIAGRAM
(POSITIVE LOGIC)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
20
40
60
80
100
120
DIFFERENTIAL OUTPUT VOLTAGE
vs
DIFFERENTIAL OUTPUT CURRENT
IOD - Differential Output Current - mA
60
Ω Load
Line
30
Ω Load
Line
TA = 25°C
DE at VCC
D at VCC
VCC = 5 V
SN65HVD05
,, SN65HVD06
SN75HVD05, SN65HVD07
SN75HVD06, SN75HVD07
SLLS533D – MAY 2002 – REVISED JULY 2006
HIGH OUTPUT RS-485 TRANSCEIVERS
Minimum Differential Output Voltage of 2.5 V
The
SN65HVD05,
SN75HVD05,
SN65HVD06,
Into a 54-
Ω Load
SN75HVD06,
SN65HVD07,
and
SN75HVD07
combine
a
3-state
differential
line
driver
and
Open-Circuit, Short-Circuit, and Idle-Bus
differential line receiver. They are designed for
Failsafe Receiver
balanced data transmission and interoperate with
1/8th Unit-Load Option Available (Up to 256
ANSI
TIA/EIA-485-A
and
ISO
8482E
Nodes on the Bus)
standard-compliant devices. The driver is designed
Bus-Pin ESD Protection Exceeds 16 kV HBM
to provide a differential output voltage greater than
that required by these standards for increased noise
Driver Output Slew Rate Control Options
margin. The drivers and receivers have active-high
Electrically Compatible With ANSI
and active-low enables respectively, which can be
TIA/EIA-485-A Standard
externally connected together to function as direction
Low-Current Standby Mode . . . 1 µA Typical
control.
Glitch-Free Power-Up and Power-Down
The
driver
differential
outputs
and
receiver
Protection for Hot-Plugging Applications
differential inputs connect
internally
to
form
a
differential input/ output (I/O) bus port that is
Pin Compatible With Industry Standard
designed to offer minimum loading to the bus
SN75176
whenever the driver is disabled or not powered.
These devices feature wide positive and negative
common-mode voltage ranges, making them suitable
Data Transmission Over Long or Lossy Lines
for party-line applications.
or Electrically Noisy Environments
Profibus Line Interface
Industrial Process Control Networks
Point-of-Sale (POS) Networks
Electric Utility Metering
Building Automation
Digital Motor Control
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN75HVD05D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD05D TI-SN75HVD05D Datasheet
220Kb / 19P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
More results

Similar Description - SN75HVD05D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD05 TI-SN65HVD05 Datasheet
220Kb / 19P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
logo
Exar Corporation
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com