Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OA5669 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OA5669
Description  Safety relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OA5669 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OA5669 Datasheet HTML 1Page - List of Unclassifed Manufacturers OA5669 Datasheet HTML 2Page - List of Unclassifed Manufacturers OA5669 Datasheet HTML 3Page - List of Unclassifed Manufacturers OA5669 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Relay type
OA 5669
1. 0 Relay coil
1. 1 Nominal voltage
DC V
5, 6, 12, 20, 24, 48, 60, 110
1. 2 Nominal consumption
W
0,7
2. 0 Contacts
2. 1 Contact arrangement
1 NC / 1NO
2 changeover contacts, 1 No and 1 changeover contact
2. 2 Contact material
AgCdO + 0,2
µm Au; AgNi 10 + 0,2 µm Au optionally + 5 µm Au
2. 3 Rated insulation voltage
AC V
250
Switching voltage min./max.
V
AC/DC 10 / DC 250, AC 400 (AC/DC 100 mV / 60 V) 1)
2. 4 Limiting continuous current
A
2 x 5 (see operating voltage limit curve)
Switching current min./max.
A
10mA3) / 8 (1 mA / 0,3 A)1)
2. 5 Switching power min./max.
VA
3 / 2 000 (1 mVA / 7 VA)1)
Switching power min./max.
W
3 / 200 (1 mW / 7 W) 1) (s. limit curve for arc-free operation)
2. 6 Switching capacity
to IEC/EN 60 947-5-1 AC 15
AC V/A
NC: 230 / 1
NO: 230 / 3
DC 13
DC V/A
NC: 24 / 2
NO: 24 / 2
2. 7 Electrical life 2)
at 1 s On, 1 s Off
(s. contacts service life)
AC 230 V 6 A cos
ϕ = 1
switching cycles
> 1 x 105 AgNi 10
> 2 x 105 AgCdO
2. 8 Switching frequency max. switching cycles / s
10
2. 9 Response time / Release time
ms
≤ 15 / ≤ 12
2.10 Contact force NO / NC
cN
≥ 10 / ≥ 8
3. 0 Other
3. 1 Mechanical life
switching cycles
≥ 50 x 106
3. 2 Temperature range
°C
- 40 ... + 60 mounted without distance (I
th = 2 x 5 A)
3. 3 Degree of protection, housing
IP40 / IP67
IEC/EN 60 529 wash proof
3. 4 Housing
Thermoplast GF, PA
3. 5 Vibration resistance
10 ... 55 Hz; 0,35 mm amplitude; 5 g max. IEC/EN 60 068-2-6
3. 6 Climate resistance
40 / 060 / 04 (climate category); A/B/D IEC/EN 60 068-1
3. 8 Insolation according to IEC 60 664-1, EN 50 178
double and reinforced insulation
Rated insulation voltage
AC V
250
Contamination level
2
Overvoltage category
III
Safety relay
OA / OW 5669
All technical data in this list relate to the state at the moment of edition.
We reserve the right for technical improvements and changes at any time.
• according to EN 50 205, IEC/EN 60 255,
IEC 60 664-1
• with positively driven contacts
• wash proof model as option
• double and reinforced insultaion between
contact sets according to EN 50 178
• low rated power consumption
• high mechanical service life
• compact size, small height
• Approvals: UL, CSA,
TÜV approval: R 9012316
Applications:
ZH1/457 press controls
Switchgear for safety technology
OA/ OW 5669 / 25.02.03 d
Technical data
OA / OW 5669
1) Values for AgNi 10-contacts + 5
µm Au
2) 10 A total current at t = 20°C and coil voltage UN
3) Typical values


Similar Part No. - OA5669

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OA5611 ETC-OA5611 Datasheet
432Kb / 6P
   Relais de SECURITE
OA5612 ETC-OA5612 Datasheet
432Kb / 6P
   Relais de SECURITE
More results

Similar Description - OA5669

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
   SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
62Kb / 3P
   SAFETY RELAY
logo
Tyco Electronics
SR6 MACOM-SR6_09 Datasheet
338Kb / 4P
   Safety Relay SR6
SR2M MACOM-SR2M_05 Datasheet
174Kb / 3P
   Safety Relay SR2M
SR6 MACOM-SR6_05 Datasheet
199Kb / 3P
   Safety Relay SR6
logo
Omron Electronics LLC
G9SB3012A OMRON-G9SB3012A Datasheet
1Mb / 8P
   Safety Relay Unit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com